Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD21DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD21DR
Description  EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD21DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD21DR Datasheet HTML 2Page - Texas Instruments SN65HVD21DR Datasheet HTML 3Page - Texas Instruments SN65HVD21DR Datasheet HTML 4Page - Texas Instruments SN65HVD21DR Datasheet HTML 5Page - Texas Instruments SN65HVD21DR Datasheet HTML 6Page - Texas Instruments SN65HVD21DR Datasheet HTML 7Page - Texas Instruments SN65HVD21DR Datasheet HTML 8Page - Texas Instruments SN65HVD21DR Datasheet HTML 9Page - Texas Instruments SN65HVD21DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SN65HVD20,SN65HVD21
SN65HVD22,SN65HVD23,SN65HVD24
SLLS552D − DECEMBER 2002 − REVISED APRIL 2005
www.ti.com
6
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT(+)
Positive-going differential input voltage threshold
See Figure 10
VO = 2.4 V, IO = −8 mA
60
200
mV
VIT(−)
Negative-going differential input voltage threshold
See Figure 10
VO = 0.4 V, IO = 8 mA
−200
−60
mV
VHYS
Hysteresis voltage (VIT+ − VIT−)
100
130
mV
VIT(F+)
Positive-going differential input failsafe voltage
See Figure 15
VCM = −7 V to 12 V
40
120
200
mV
VIT(F+)
Positive-going differential input failsafe voltage
threshold
See Figure 15
VCM = −20 V to 25 V
120
250
mV
VIT(F−)
Negative-going differential input failsafe voltage
See Figure 15
VCM = −7 V to 12 V
−200
−120
−40
mV
VIT(F−)
Negative-going differential input failsafe voltage
threshold
See Figure 15
VCM = −20 V to 25 V
−250
−120
mV
VIK
Input clamp voltage
II = −18 mA
−1.5
V
VOH
High-level output voltage
VID = 200 mV, IOH = −8 mA, See Figure 11
4
V
VOL
Low-level output voltage
VID = −200 mV, IOL = 8 mA, See Figure 11
0.4
V
VI = −7 to 12 V,
HVD20, HVD23
−400
500
II(BUS)
Bus input current (power on or power off)
VI = −7 to 12 V,
Other input = 0 V
HVD21, HVD22, HVD24
−100
125
µA
II(BUS)
Bus input current (power on or power off)
VI = −20 to 25 V,
HVD20, HVD23
−800
1000
µA
VI = −20 to 25 V,
Other input = 0 V
HVD21, HVD22, HVD24
−200
250
II
Input current
RE
−100
100
µA
RI
Input resistance
HVD20, 23
24
k
RI
Input resistance
HVD21, 22, 24
96
k
CID
Differential input capacitance
VID = 0.5 + 0.4 sine (2π x 1.5 x 106t)
20
pF
(1) All typical values are at 25°C.
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high level output
See Figure 11
HVD20, HVD23
16
35
ns
tPHL
Propagation delay time, high-to-low level output
See Figure 11
HVD21, HVD22, HVD24
25
50
ns
tPHL
Propagation delay time, high-to-low level output
See Figure 11
HVD21, HVD22, HVD24
25
50
ns
tr
Receiver output rise time
See Figure 11
2
4
ns
tf
Receiver output fall time
See Figure 11
2
4
ns
tPZH
Receiver output enable time to high level
See Figure 12
90
120
ns
tPHZ
Receiver output disable time from high level
See Figure 12
16
35
ns
tPZL
Receiver output enable time to low level
See Figure 13
90
120
ns
tPLZ
Receiver output disable time from low level
See Figure 13
16
35
ns
tr(standby)
Time from an active receiver output to standby
2
tr(wake)
Wake-up time from standby to an active receiver
output
See Figure 14, DE at 0 V
8
µs
tsk(p)
Pulse skew | tPLH – tPHL |
5
ns
tsk(p)
Pulse skew | tPLH – tPHL |
5
ns
tsk(p)
Pulse skew | tPLH – tPHL |
5
ns
tp(set)
Delay time, bus fail to failsafe set
See Figure 15,
pulse rate = 1 kHz
250
350
µs
tp(reset)
Delay time, bus recovery to failsafe reset
See Figure 15,
pulse rate = 1 kHz
50
ns


Similar Part No. - SN65HVD21DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD21DR TI-SN65HVD21DR Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD21DR TI-SN65HVD21DR Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21DRG4 TI-SN65HVD21DRG4 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
More results

Similar Description - SN65HVD21DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
SN65HVD20_101 TI-SN65HVD20_101 Datasheet
785Kb / 30P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD20 TI-SN65HVD20 Datasheet
527Kb / 25P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
FutureWafer Tech Co.,Lt...
FM712 FUTUREWAFER-FM712 Datasheet
946Kb / 5P
   For extended common-mode RS-485
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com