Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD200ADR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD200ADR
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD200ADR Datasheet(HTML) 3 Page - Texas Instruments

  SN65MLVD200ADR Datasheet HTML 1Page - Texas Instruments SN65MLVD200ADR Datasheet HTML 2Page - Texas Instruments SN65MLVD200ADR Datasheet HTML 3Page - Texas Instruments SN65MLVD200ADR Datasheet HTML 4Page - Texas Instruments SN65MLVD200ADR Datasheet HTML 5Page - Texas Instruments SN65MLVD200ADR Datasheet HTML 6Page - Texas Instruments SN65MLVD200ADR Datasheet HTML 7Page - Texas Instruments SN65MLVD200ADR Datasheet HTML 8Page - Texas Instruments SN65MLVD200ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DEVICE ELECTRICAL CHARACTERISTICS
SN65MLVD200A, SN65MLVD202A
SN65MLVD204A, SN65MLVD205A
SLLS573 – DECEMBER 2003
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
Voltage at any bus terminal VA, VB, VY or VZ
–1.4
3.8
V
|VID|
Magnitude of differential input voltage
0.05
VCC
V
RL
Differential load resistance
30
50
1/tUI
Signaling rate
100
Mbps
TA
Operating free-air temperature
–40
85
°C
over recommended operating conditions unless otherwise noted
TYP((1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
)
Driver only
RE and DE at VCC, RL = 50 Ω, All others open
13
22
Both disabled
RE at VCC, DE at 0 V, RL = No Load, All others open
1
4
ICC
Supply current
mA
Both enabled
RE at 0 V, DE at VCC, RL = 50 Ω, All others open
16
24
Receiver only
RE at 0 V, DE at 0 V, All others open
4
13
RL = 50 Ω, Input to D is a 50-MHz 50% duty cycle square
PD
Device power dissipation
94
mW
wave, DE = high, RE = low, TA = 85°C
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
3
Submit Documentation Feedback


Similar Part No. - SN65MLVD200ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD200ADR TI-SN65MLVD200ADR Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200ADR TI1-SN65MLVD200ADR Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200ADRG4 TI-SN65MLVD200ADRG4 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200ADRG4 TI1-SN65MLVD200ADRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
More results

Similar Description - SN65MLVD200ADR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD200A TI1-SN65MLVD200A_15 Datasheet
1Mb / 38P
[Old version datasheet]   Multipoint-LVDS Line Driver and Receiver
SN65MLVD200A TI-SN65MLVD200A_08 Datasheet
667Kb / 25P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
logo
National Semiconductor ...
DS91D180 NSC-DS91D180 Datasheet
607Kb / 13P
   Multipoint LVDS (M-LVDS) Line Driver/Receiver
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com