Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F125DRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F125DRG4
Description  QUADRUPLE BUS BUFFER GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F125DRG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F125DRG4 Datasheet HTML 1Page - Texas Instruments SN74F125DRG4 Datasheet HTML 2Page - Texas Instruments SN74F125DRG4 Datasheet HTML 3Page - Texas Instruments SN74F125DRG4 Datasheet HTML 4Page - Texas Instruments SN74F125DRG4 Datasheet HTML 5Page - Texas Instruments SN74F125DRG4 Datasheet HTML 6Page - Texas Instruments SN74F125DRG4 Datasheet HTML 7Page - Texas Instruments SN74F125DRG4 Datasheet HTML 8Page - Texas Instruments SN74F125DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74F125
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SDFS016B – JANUARY 1989 – REVISED JULY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
description/ordering information
The SN74F125 features independent line drivers
with 3-state outputs. Each output is disabled when
the associated output-enable (OE) input is high.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74F125N
SN74F125N
SOIC
D
Tube
SN74F125D
F125
0
°C to 70°C
SOIC – D
Tape and reel
SN74F125DR
F125
SOP – NS
Tape and reel
SN74F125NSR
74F125
SSOP – DB
Tape and reel
SN74F125DBR
F125
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
L
H
H
L
LL
H
X
Z
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, DB, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y


Similar Part No. - SN74F125DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F125D TI-SN74F125D Datasheet
67Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F125DRG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC125A UTC-U74LVC125A_V01 Datasheet
246Kb / 5P
   QUADRUPLE BUS BUFFER GATE
U74LVC125A UTC-U74LVC125A_15 Datasheet
231Kb / 5P
   QUADRUPLE BUS BUFFER GATE
logo
Texas Instruments
SN54AHCT126 TI-SN54AHCT126_03 Datasheet
376Kb / 15P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES QUADRUPLE BUS BUFFER GATES
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125Q TI-SN74AHC125Q Datasheet
209Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com