Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1608EC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AP1608EC
Description  1.6X0.8mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AP1608EC Datasheet(HTML) 1 Page - Kingbright Corporation

  AP1608EC Datasheet HTML 1Page - Kingbright Corporation AP1608EC Datasheet HTML 2Page - Kingbright Corporation AP1608EC Datasheet HTML 3Page - Kingbright Corporation AP1608EC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD0915
REV NO: V.4
DATE: MAR/14/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1203000003
Package Dimensions
1.6X0.8mm SMD CHIP LED LAMP
Features
1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
LOW POWER CONSUMPTION.
W IDE V IEW ING ANGLE .
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE: 2000PCS / REEL.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
Description
The High Efficiency Red source color devices are made with
Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
AP1608EC
HIGH EFFICIENCY RED


Similar Part No. - AP1608EC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AP1608 KINGBRIGHT-AP1608 Datasheet
97Kb / 4P
   1.6 X 0.8 MM SMD CHIP LED LAMP
logo
CT Micro International ...
AP160804-ATC4 CTMICRO-AP160804-ATC4 Datasheet
1Mb / 10P
   SMD Type Amber Emitter
Rev 2 Jan, 2021
AP160806-ATC4 CTMICRO-AP160806-ATC4 Datasheet
987Kb / 10P
   SMD Type Amber Emitter
Rev 3 Jan, 2021
logo
Kingbright Corporation
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AP1608CGCK TO-GRACE-AP1608CGCK Datasheet
1Mb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
More results

Similar Description - AP1608EC

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZUYT53W-3 SUNLED-ZUYT53W-3 Datasheet
199Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APT1608SEC KINGBRIGHT-APT1608SEC Datasheet
99Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608SEC KINGBRIGHT-AP1608SEC Datasheet
103Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
APH1608RWF KINGBRIGHT-APH1608RWF_07 Datasheet
293Kb / 7P
   1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-Z KINGBRIGHT-APHK1608PBC-Z Datasheet
297Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APT1608MBC KINGBRIGHT-APT1608MBC_07 Datasheet
211Kb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CR53W SUNLED-ZM2CR53W Datasheet
195Kb / 4P
   1.6x0.8mm SMD CHIP LED LAMP
ZMO53W-3 SUNLED-ZMO53W-3 Datasheet
191Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
ZURT53W-3 SUNLED-ZURT53W-3 Datasheet
192Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
ZUY53W SUNLED-ZUY53W Datasheet
192Kb / 4P
   1.6x0.8mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com