Electronic Components Datasheet Search |
|
SN74BCT245PW Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN74BCT245PW Datasheet(HTML) 5 Page - Texas Instruments |
5 / 20 page SN54BCT245, SN74BCT245 OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS013H – SEPTEMBER 1998 – REVISED MAY 2002 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, tr = tf ≤ 2.5 ns, duty cycle = 50%. C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. D. The outputs are measured one at a time with one transition per measurement. E. When measuring propagation delay times of 3-state outputs, switch S1 is open. From Output Under Test Test Point R1 CL (see Note A) LOAD CIRCUIT FOR TOTEM-POLE OUTPUTS LOAD CIRCUIT FOR 3-STATE AND OPEN-COLLECTOR OUTPUTS R1 S1 7 V (tPZL, tPLZ, O.C.) Open (all others) From Output Under Test Test Point R2 CL (see Note A) RL = R1 = R2 1.5 V 1.5 V 1.5 V 3 V 3 V 0 V 0 V th tsu VOLTAGE WAVEFORMS SETUP AND HOLD TIMES Timing Input (see Note B) Data Input (see Note B) 1.5 V 1.5 V 3 V 3 V 0 V 0 V High-Level Pulse (see Note B) Low-Level Pulse tw VOLTAGE WAVEFORMS PULSE DURATION 1.5 V 1.5 V tPHL tPLH tPLH tPHL Input (see Note B) Out-of-Phase Output (see Note D) 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 1.5 V 3 V 0 V VOL VOH VOH VOL In-Phase Output (see Note D) VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES (see Note D) tPHZ tPLZ 0.3 V tPZL tPZH 1.5 V 1.5 V 1.5 V 1.5 V 3 V 0 V Output Control (low-level enable) Waveform 1 (see Notes C and D) Waveform 2 (see Notes C and D) 0 V VOH VOL 3.5 V 0.3 V VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS Figure 1. Load Circuit and Voltage Waveforms |
Similar Part No. - SN74BCT245PW |
|
Similar Description - SN74BCT245PW |