Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41505A6688M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41505A6688M000
Description  Snap-In Capacitors Excellent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A6688M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41505A6688M000 Datasheet HTML 5Page - EPCOS B41505A6688M000 Datasheet HTML 6Page - EPCOS B41505A6688M000 Datasheet HTML 7Page - EPCOS B41505A6688M000 Datasheet HTML 8Page - EPCOS B41505A6688M000 Datasheet HTML 9Page - EPCOS B41505A6688M000 Datasheet HTML 10Page - EPCOS B41505A6688M000 Datasheet HTML 11Page - EPCOS B41505A6688M000 Datasheet HTML 12Page - EPCOS B41505A6688M000 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
263 10/02
Excellent Performance 105 °C
B41505 / B43505
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~max
100 Hz
85
°C
A
I~R1)
100 Hz
105
°C
A
Ordering code2)
B43305
200
220
22
× 30
580
700
2,9
1,9
0,96
B43505E2227M000
330
22
× 40
390
470
4,0
2,6
1,3
B43505E2337M000
470
25
× 40
280
330
5,1
3,4
1,7
B43505E2477M000
470
30
× 30
280
330
5,1
3,3
1,7
B43505G2477M000
680
30
× 40
190
230
6,7
4,4
2,2
B43505E2687M000
1 000
35
× 45
130
160
9,4
6,2
3,1
B43505E2108M000
1 500
35
× 50
90
110
12
7,8
3,9
B43505E2158M000
250
220
25
× 30
580
700
3,2
2,1
1,0
B43505A2227M000
330
25
× 40
390
470
4,3
2,8
1,4
B43505A2337M000
330
30
× 30
390
470
4,2
2,8
1,4
B43505C2337M000
470
30
× 35
280
330
5,3
3,5
1,8
B43505A2477M000
680
30
× 45
190
230
7,0
4,6
2,3
B43505A2687M000
1 000
35
× 45
130
160
9,4
6,2
3,1
B43505A2108M000
400
100
25
× 30
880
1090
2,1
1,4
0,70
B43505A9107M000
150
25
× 40
590
730
2,9
1,9
0,95
B43505A9157M000
150
30
× 30
590
730
2,9
1,9
0,94
B43505C9157M000
220
30
× 40
400
500
3,8
2,5
1,3
B43505A9227M000
220
35
× 30
400
500
3,8
2,5
1,3
B43505C9227M000
330
30
× 50
270
330
5,1
3,3
1,7
B43505A9337M000
330
35
× 40
270
330
5,2
3,4
1,7
B43505C9337M000
390
35
× 45
230
280
5,9
3,8
1,9
B43505A9397M000
470
35
× 50
190
240
6,7
4,4
2,2
B43505A9477M000
450
100
22
× 45
1360
1600
2,3
1,5
0,75
B43505A5107M000
100
30
× 30
1360
1600
2,3
1,5
0,76
B43505C5107M000
150
25
× 45
910
1070
3,0
2,0
1,0
B43505A5157M000
150
30
× 35
910
1070
3,0
2,0
0,99
B43505C5157M000
220
30
× 45
620
730
4,0
2,6
1,3
B43505A5227M000
220
35
× 35
620
730
4,0
2,7
1,3
B43505C5227M000
330
35
× 50
410
490
5,6
3,7
1,8
B43505A5337M000
390
35
× 50
350
410
6,1
4,0
2,0
B43505A5397M000
Preferred types
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 258.


Similar Part No. - B41505A6688M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A6688M000 EPCOS-B41505A6688M000 Datasheet
1Mb / 21P
   Aluminum electrolytic capacitors21
More results

Similar Description - B41505A6688M000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
STMicroelectronics
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com