Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43501A5277M000 Datasheet(PDF) 2 Page - EPCOS

Part # B43501A5277M000
Description  Snap-In Capacitors Long Useful Life - 85
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501A5277M000 Datasheet(HTML) 2 Page - EPCOS

  B43501A5277M000 Datasheet HTML 1Page - EPCOS B43501A5277M000 Datasheet HTML 2Page - EPCOS B43501A5277M000 Datasheet HTML 3Page - EPCOS B43501A5277M000 Datasheet HTML 4Page - EPCOS B43501A5277M000 Datasheet HTML 5Page - EPCOS B43501A5277M000 Datasheet HTML 6Page - EPCOS B43501A5277M000 Datasheet HTML 7Page - EPCOS B43501A5277M000 Datasheet HTML 8Page - EPCOS B43501A5277M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
236 10/02
Long Life 85 °C
B43501
Specifications and characteristics in brief
Rated voltage
UR
Surge voltage
US
160 … 450 VDC
1,15 ·
UR (for UR ≤ 250 VDC)
1,10 ·
UR (for UR ≥ 385 VDC)
Rated capacitance
CR
Capacitance tolerance
47 … 2200
µF
± 20 % M
Leakage current
IL
(5 min, 20
°C)
Self-inductance
LESL
Approx. 20 nH
Useful life
Requirements:
85
°C; U
R; I~R
40
°C; U
R; 1,4 · I~R
> 10 000 h
> 200 000 h
C/C
≤ ± 30 % of initial value
ESR
≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 50 fit (≤ 50 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
85
°C; U
R
5 000 h
Post test requirements:
C/C
≤ ± 10 % of initial value
ESR
≤ 1,3 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,35 mm, frequency range 10
… 55 Hz,
acceleration max. 5
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
UR ≤ 400 VDC: 40/085/56 (– 40°C/+ 85°C/56 days damp heat test)
UR ≥ 420 VDC: 25/085/56 (– 25°C/+ 85°C/56 days damp heat test)
Detail specification
Sectional specification
Similar to CECC 30301-811
IEC 60384-4
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
èø
æö
0,7
4
µA
+


Similar Part No. - B43501A5277M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501A5277M000 EPCOS-B43501A5277M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43501A5277M000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com