Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43501J2337M007 Datasheet(PDF) 6 Page - EPCOS

Part # B43501J2337M007
Description  Snap-In Capacitors Long Useful Life - 85
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501J2337M007 Datasheet(HTML) 6 Page - EPCOS

Back Button B43501J2337M007 Datasheet HTML 2Page - EPCOS B43501J2337M007 Datasheet HTML 3Page - EPCOS B43501J2337M007 Datasheet HTML 4Page - EPCOS B43501J2337M007 Datasheet HTML 5Page - EPCOS B43501J2337M007 Datasheet HTML 6Page - EPCOS B43501J2337M007 Datasheet HTML 7Page - EPCOS B43501J2337M007 Datasheet HTML 8Page - EPCOS B43501J2337M007 Datasheet HTML 9Page - EPCOS B43501J2337M007 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
240 10/02
Long Life 85 °C
B43501
Technical data and ordering codes
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~R1)
100 Hz
85
°C
A
Ordering code2)
160
220
22
× 25
530
910
730
2,4
1,1
B43501A1227M000
330
22
× 30
360
610
490
3,2
1,4
B43501A1337M000
470
22
× 35
250
430
350
4,0
1,8
B43501A1477M000
680
25
× 35
180
300
240
5,2
2,4
B43501A1687M000
1 000
30
× 35
120
200
160
6,9
3,1
B43501A1108M000
1 500
30
× 45
80
140
120
9,2
4,2
B43501A1158M000
2 200
35
× 50
60
91
80
13
5,8
B43501A1228M000
200
220
22
× 25
380
610
490
2,4
1,1
B43501A2227M000
330
22
× 30
260
410
330
3,2
1,4
B43501A2337M000
330
25
× 25
260
410
330
3,2
1,5
B43501J2337M000
470
22
× 40
180
290
240
4,2
1,9
B43501A2477M000
470
30
× 25
180
290
350
4,2
1,9
B43501J2477M000
680
25
× 40
130
200
160
5,5
2,5
B43501A2687M000
680
30
× 30
130
200
160
5,4
2,4
B43501J2687M000
1 000
30
× 40
83
140
120
7,2
3,3
B43501A2108M000
1 000
35
× 35
83
140
120
7,6
3,5
B43501J2108M000
1 500
35
× 45
56
90
80
10
4,6
B43501A2158M000
250
150
22
× 25
560
890
800
2,0
0,91
B43501B2157M000
220
22
× 30
380
610
500
2,6
1,2
B43501B2227M000
220
25
× 25
380
610
490
2,6
1,2
B43501K2227M000
330
22
× 40
260
410
330
3,5
1,6
B43501B2337M000
330
25
× 30
260
410
330
3,4
1,6
B43501K2337M000
470
25
× 40
180
290
240
4,5
2,1
B43501B2477M000
470
30
× 30
180
290
240
4,5
2,0
B43501K2477M000
680
30
× 40
130
200
160
5,9
2,7
B43501B2687M000
1 000
35
× 40
83
140
120
8,0
3,6
B43501B2108M000
Preferred types
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 238.


Similar Part No. - B43501J2337M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501J2337M000 EPCOS-B43501J2337M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43501J2337M007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI Datasheet
139Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 07-Apr-11
059PLL-SI VISHAY-059PLL-SI Datasheet
145Kb / 11P
   Aluminum Capacitors Power Long Life Snap-In
Revision: 18-Aug-08
199PEL-SI VISHAY-199PEL-SI Datasheet
101Kb / 8P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 08-Aug-08
158PUL-SI VISHAY-158PUL-SI Datasheet
117Kb / 9P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 18-Aug-08
159PUL-SI VISHAY-159PUL-SI_12 Datasheet
109Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 09-Mar-12
159PUL-SI VISHAY-159PUL-SI Datasheet
102Kb / 8P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 14-Oct-08
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
090PULSI VISHAY-090PULSI_15 Datasheet
100Kb / 7P
   Aluminum Capacitors Power Ultra Long Life Snap-In
Revision: 11-Oct-13
199PEL-SI VISHAY-199PEL-SI_17 Datasheet
123Kb / 9P
   Aluminum Capacitors Power Economy Long Life Snap-In
Revision: 10-Jan-17
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com