Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP80S54 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CP80S54
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP80S54 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CP80S54 Datasheet HTML 1Page - List of Unclassifed Manufacturers CP80S54 Datasheet HTML 2Page - List of Unclassifed Manufacturers CP80S54 Datasheet HTML 3Page - List of Unclassifed Manufacturers CP80S54 Datasheet HTML 4Page - List of Unclassifed Manufacturers CP80S54 Datasheet HTML 5Page - List of Unclassifed Manufacturers CP80S54 Datasheet HTML 6Page - List of Unclassifed Manufacturers CP80S54 Datasheet HTML 7Page - List of Unclassifed Manufacturers CP80S54 Datasheet HTML 8Page - List of Unclassifed Manufacturers CP80S54 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Rev0.1 Nov 30, 2005
P.2/
CP80S54/S56
GENERAL DESCRIPTION
The
CP80S54/S56 series is a family of low-cost, high speed, high noise immunity, EPROM/ROM-based 8-bit CMOS
microcontrollers. It employs a RISC architecture with only 42 instructions. All instructions are single cycle except
for program branches which take two cycles. The easy to use and easy to remember instruction set reduces
development time significantly.
The
CP80S54/S56 series consists of Power-on Reset (POR), Brown-out Reset (BOR), Power-up Reset Timer
(PWRT), Oscillator Start-up Timer(OST), Watchdog Timer, EPROM/ROM, SRAM, tri-state I/O port, I/O
pull-high/open-drain/pull-down control, Power saving SLEEP mode, real time programmable clock/counter,
Interrupt, Wake-up from SLEEP mode, and Code Protection for EPROM products. There are three oscillator
configurations to choose from, including the power-saving LP (Low Power) oscillator and cost saving RC oscillator.
The
CP80S54/S54E address 512×13 of program memory, and the CP80S56/S56E address 1K×13 of program
memory.
The
CP80S54/S56 can directly or indirectly address its register files and data memory. All special function registers
including the program counter are mapped in the data memory.
BLOCK DIAGRAM
ALU
Watchdog
Timer
Oscillator
Circuit
Timer0
PORTA
PORTB
Program
Counter
5-level
STACK
EPROM
/ ROM
SRAM
Instruction
Decoder
Accumulator
FSR
Interrupt
Control
CP
80S54/56


Similar Part No. - CP80S54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CP800 PANJIT-CP800 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP800 TRSYS-CP800 Datasheet
114Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
CP800 ETC2-CP800 Datasheet
220Kb / 3P
   Single Phase Bridge Rectifiers
logo
Pan Jit International I...
CP801 PANJIT-CP801 Datasheet
59Kb / 2P
   SINGLE-PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - P.C. MTG 3A, HEAT-SINK MTG 8A)
logo
Transys Electronics
CP801 TRSYS-CP801 Datasheet
114Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - CP80S54

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com