Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43504A2277M007 Datasheet(PDF) 8 Page - EPCOS

Part # B43504A2277M007
Description  Snap-In Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504A2277M007 Datasheet(HTML) 8 Page - EPCOS

Back Button B43504A2277M007 Datasheet HTML 3Page - EPCOS B43504A2277M007 Datasheet HTML 4Page - EPCOS B43504A2277M007 Datasheet HTML 5Page - EPCOS B43504A2277M007 Datasheet HTML 6Page - EPCOS B43504A2277M007 Datasheet HTML 7Page - EPCOS B43504A2277M007 Datasheet HTML 8Page - EPCOS B43504A2277M007 Datasheet HTML 9Page - EPCOS B43504A2277M007 Datasheet HTML 10Page - EPCOS B43504A2277M007 Datasheet HTML 11Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
252 10/02
Compact 105 °C
B43504
420
220
25
× 45
620
730
3,44
2,31
1,13
B43504A0227M000
220
30
× 35
620
730
3,41
2,29
1,12
B43504E0227M000
270
30
× 40
510
590
3,96
2,66
1,30
B43504A0277M000
330
30
× 45
410
490
4,58
3,08
1,50
B43504A0337M000
330
35
× 35
410
490
4,62
3,11
1,52
B43504E0337M000
390
30
× 50
350
410
5,18
3,48
1,70
B43504A0397M000
390
35
× 40
350
410
5,26
3,54
1,72
B43504E0397M000
470
35
× 45
290
340
6,02
4,05
1,97
B43504A0477M000
450
68
22
× 30
1990
2350
1,5
1,0
0,50
B43504A5686M000
82
22
× 35
1650
1950
1,8
1,2
0,58
B43504A5826M000
100
22
× 35
1360
1600
2,0
1,3
0,64
B43504A5107M000
100
25
× 30
1360
1600
2,0
1,3
0,65
B43504B5107M000
100
30
× 25
1360
1600
2,1
1,4
0,67
B43504C5107M000
120
25
× 35
1130
1330
2,3
1,6
0,76
B43504A5127M000
150
25
× 40
910
1070
2,7
1,8
0,89
B43504A5157M000
150
30
× 30
910
1070
2,7
1,8
0,88
B43504B5157M000
150
35
× 25
910
1070
2,8
1,9
0,92
B43504C5157M000
180
25
× 45
760
890
3,1
2,1
1,0
B43504A5187M000
220
25
× 50
620
730
3,6
2,4
1,2
B43504A5227M000
220
30
× 40
620
730
3,6
2,4
1,2
B43504B5227M000
220
35
× 30
620
730
3,6
2,4
1,2
B43504C5227M000
270
30
× 45
510
590
4,1
2,8
1,4
B43504A5277M000
270
35
× 35
510
590
4,1
2,8
1,4
B43504B5277M000
330
30
× 50
410
490
4,8
3,2
1,6
B43504A5337M000
330
35
× 40
410
490
4,8
3,3
1,6
B43504B5337M000
390
35
× 45
350
410
5,5
3,7
1,8
B43504A5397M000
470
35
× 50
290
340
6,3
4,2
2,1
B43504A5477M000
UR
VDC
CR
100 Hz
20 °C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
I~max
100 Hz
40
°C
A
I~max
100 Hz
85
°C
A
I~R1)
100 Hz
105
°C
A
Ordering code2)
Preferred types
1) 120 Hz conversion factor of ripple current:
I~ (120 Hz) = 1,03 · I~ (100 Hz)
2) Ordering code for standard terminals (6,3 mm).
To determine the ordering code for short terminals (4,5 mm) and 3 terminals (4,5 mm) see page 248.


Similar Part No. - B43504A2277M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504A2227M000 EPCOS-B43504A2227M000 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
B43504A2227M002 EPCOS-B43504A2227M002 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
B43504A2227M007 EPCOS-B43504A2227M007 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
B43504A2227M080 EPCOS-B43504A2227M080 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
B43504A2227M082 EPCOS-B43504A2227M082 Datasheet
1,001Kb / 20P
   Aluminum electrolytic capacitors
More results

Similar Description - B43504A2277M007

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com