Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCT109M96 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT109M96
Description  Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT109M96 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HCT109M96 Datasheet HTML 3Page - Texas Instruments CD74HCT109M96 Datasheet HTML 4Page - Texas Instruments CD74HCT109M96 Datasheet HTML 5Page - Texas Instruments CD74HCT109M96 Datasheet HTML 6Page - Texas Instruments CD74HCT109M96 Datasheet HTML 7Page - Texas Instruments CD74HCT109M96 Datasheet HTML 8Page - Texas Instruments CD74HCT109M96 Datasheet HTML 9Page - Texas Instruments CD74HCT109M96 Datasheet HTML 10Page - Texas Instruments CD74HCT109M96 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Test Circuits and Waveforms
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 7. HC CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
NOTE: Outputs should be switching from 10% VCC to 90% VCC in
accordance with device truth table. For fMAX, input duty cycle = 50%.
FIGURE 8. HCT CLOCK PULSE RISE AND FALL TIMES AND
PULSE WIDTH
FIGURE 9. HC AND HCU TRANSITION TIMES AND PROPAGA-
TION DELAY TIMES, COMBINATION LOGIC
FIGURE 10. HCT TRANSITION TIMES AND PROPAGATION
DELAY TIMES, COMBINATION LOGIC
FIGURE 11. HC SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
FIGURE 12. HCT SETUP TIMES, HOLD TIMES, REMOVAL TIME,
AND PROPAGATION DELAY TIMES FOR EDGE
TRIGGERED SEQUENTIAL LOGIC CIRCUITS
CLOCK
90%
50%
10%
GND
VCC
trCL
tfCL
50%
50%
tWL
tWH
10%
tWL + tWH =
fCL
I
CLOCK
2.7V
1.3V
0.3V
GND
3V
trCL = 6ns
tfCL = 6ns
1.3V
1.3V
tWL
tWH
0.3V
tWL + tWH =
fCL
I
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
tPHL
tPLH
tTHL
tTLH
2.7V
1.3V
0.3V
1.3V
10%
INVERTING
OUTPUT
INPUT
GND
3V
tr = 6ns
tf = 6ns
90%
trCL
tfCL
GND
VCC
GND
VCC
50%
90%
10%
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
VCC
50%
50%
90%
10%
50%
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
tH(H)
trCL
tfCL
GND
3V
GND
3V
1.3V
2.7V
0.3V
GND
CLOCK
INPUT
DATA
INPUT
OUTPUT
SET, RESET
OR PRESET
3V
1.3V
1.3V
1.3V
90%
10%
1.3V
90%
tREM
tPLH
tSU(H)
tTLH
tTHL
tH(L)
tPHL
IC
CL
50pF
tSU(L)
1.3V
tH(H)
1.3V
CD54HC109, CD74HC109, CD54HCT109, CD74HCT109


Similar Part No. - CD74HCT109M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT109M96 TI-CD74HCT109M96 Datasheet
279Kb / 12P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HCT109M96 TI-CD74HCT109M96 Datasheet
454Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HCT109M96E4 TI-CD74HCT109M96E4 Datasheet
454Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HCT109M96G4 TI-CD74HCT109M96G4 Datasheet
454Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
More results

Similar Description - CD74HCT109M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC109 TI-CD54HC109 Datasheet
279Kb / 12P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC109 TI-CD74HC109 Datasheet
58Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD54HC109 TI-CD54HC109_08 Datasheet
454Kb / 15P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Positive-Edge Trigger
CD74HC112 TI-CD74HC112 Datasheet
55Kb / 8P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112_08 Datasheet
643Kb / 18P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI1-CD54HC112_15 Datasheet
757Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
CD54HC112 TI-CD54HC112 Datasheet
346Kb / 13P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
SN75C188DRG4 TI1-SN75C188DRG4 Datasheet
765Kb / 20P
[Old version datasheet]   Dual J-K Flip-Flop with Set and Reset Negative-Edge Trigger
logo
NXP Semiconductors
74ALS109A PHILIPS-74ALS109A Datasheet
93Kb / 9P
   Dual J-K positive edge-triggered flip-flop with set and reset
1991 Feb 08
logo
Integral Corp.
IN74ACT112 INTEGRAL-IN74ACT112 Datasheet
202Kb / 5P
   DUAL J-K FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com