Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41505A3688M002 Datasheet(PDF) 2 Page - EPCOS

Part # B41505A3688M002
Description  Snap-In Capacitors Excellent Performance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A3688M002 Datasheet(HTML) 2 Page - EPCOS

  B41505A3688M002 Datasheet HTML 1Page - EPCOS B41505A3688M002 Datasheet HTML 2Page - EPCOS B41505A3688M002 Datasheet HTML 3Page - EPCOS B41505A3688M002 Datasheet HTML 4Page - EPCOS B41505A3688M002 Datasheet HTML 5Page - EPCOS B41505A3688M002 Datasheet HTML 6Page - EPCOS B41505A3688M002 Datasheet HTML 7Page - EPCOS B41505A3688M002 Datasheet HTML 8Page - EPCOS B41505A3688M002 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
256 10/02
Excellent Performance 105 °C
B41505 / B43505
Self-inductance
ESL
Approx. 20 nH
Useful life
105°C;
UR; I~R
85°C;
UR; I~max
40°C;
UR; 2,1 · I~R
Requirements:
>
5 000 h
> 12 000 h
> 250 000 h
C/C ≤ ± 45 % of initial value
tan
δ≤ 3 times initial spec. limit
IL
≤ initial specified limit
>
5 000 h
> 11 000 h
> 200 000 h
C/C ≤ ± 30 % of initial value
tan
δ≤ 3 times initial spec. limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 50 fit (≤ 50 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Load life test
105°C;
UR; I~R
Post test requirements:
5 000 h
4 000 h
∆C/C ≤ ± 20 % of initial value
tan
δ≤ 2 times initial spec. limit
IL
≤ initial specified limit
∆C/C ≤ ± 20 % of initial value
tan
δ≤ 2 times initial spec. limit
IL
≤ initial specified limit
Voltage endurance test
85°C;
UR
Post test requirements:
2 000 h
2 000 h
C/C ≤ ± 15 % of initial value
tan
δ≤ 1,3 times spec. limit
IL
≤ initial specified limit
C/C ≤ ± 10 % of initial value
tan
δ≤ 1,3 times spec. limit
IL
≤ initial specified limit
Vibration resistance
To IEC 68-2-6, test Fc:
displacement amplitude 0,35 mm, frequency range 10
… 55 Hz,
acceleration max. 5
g, duration 3
× 2 h
IEC climatic category
To IEC 60068-1:
UR ≤ 400 VDC: 40/105/56 (– 40°C/+ 105°C/56 days damp heat test)
UR = 450 VDC: 25/105/56 (– 25°C/+ 105°C/56 days damp heat test)
Detail specification
Sectional specification
IEC 60384-4
Similar to CECC 30301-809
IEC 60384-4
B41505
B43505


Similar Part No. - B41505A3688M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A3688M00 EPCOS-B41505A3688M00 Datasheet
1Mb / 22P
   Aluminum electrolytic capacitors
B41505A3688M000 EPCOS-B41505A3688M000 Datasheet
1Mb / 21P
   Aluminum electrolytic capacitors21
B41505A3688M000 EPCOS-B41505A3688M000 Datasheet
1Mb / 22P
   Aluminum electrolytic capacitors
More results

Similar Description - B41505A3688M002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
Delta Electronics, Inc.
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
STMicroelectronics
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com