Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27C512-90XC1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M27C512-90XC1
Description  512 Kbit (64K x8) UV EPROM and OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C512-90XC1 Datasheet(HTML) 5 Page - STMicroelectronics

  M27C512-90XC1 Datasheet HTML 1Page - STMicroelectronics M27C512-90XC1 Datasheet HTML 2Page - STMicroelectronics M27C512-90XC1 Datasheet HTML 3Page - STMicroelectronics M27C512-90XC1 Datasheet HTML 4Page - STMicroelectronics M27C512-90XC1 Datasheet HTML 5Page - STMicroelectronics M27C512-90XC1 Datasheet HTML 6Page - STMicroelectronics M27C512-90XC1 Datasheet HTML 7Page - STMicroelectronics M27C512-90XC1 Datasheet HTML 8Page - STMicroelectronics M27C512-90XC1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
M27C512
Device operation
5/22
2
Device operation
The modes of operations of the M27C512 are listed in the Operating Modes table. A single
power supply is required in the read mode. All inputs are TTL levels except for GVPP and
12V on A9 for Electronic Signature.
2.1
Read mode
The M27C512 has two control functions, both of which must be logically active in order to
obtain data at the outputs. Chip Enable (E) is the power control and should be used for
device selection. Output Enable (G) is the output control and should be used to gate data to
the output pins, independent of device selection. Assuming that the addresses are stable,
the address access time (tAVQV) is equal to the delay from E to output (tELQV). Data is
available at the output after a delay of tGLQV from the falling edge of G, assuming that E has
been low and the addresses have been stable for at least tAVQV-tGLQV.
2.2
Standby mode
The M27C512 has a standby mode which reduces the active current from 30mA to 100µA
The M27C512 is placed in the standby mode by applying a CMOS high signal to the E input.
When in the standby mode, the outputs are in a high impedance state, independent of the
GVPP input.
Table 3.
Operating modes(1)
1.
X = V
IH or VIL, VID = 12V ± 0.5V.
Mode
E
GVPP
A9
Q7-Q0
Read
VIL
VIL
X
Data Out
Output Disable
VIL
VIH
X
Hi-Z
Program
VIL Pulse
VPP
X
Data In
Program Inhibit
VIH
VPP
X
Hi-Z
Standby
VIH
X
X
Hi-Z
Electronic Signature
VIL
VIL
VID
Codes
Table 4.
Electronic Signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s
Code
VIL
001
0000
0
20h
Device Code
VIH
001
1110
1
3Dh


Similar Part No. - M27C512-90XC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-90XC1 STMICROELECTRONICS-M27C512-90XC1 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90XC1 STMICROELECTRONICS-M27C512-90XC1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-90XC1E STMICROELECTRONICS-M27C512-90XC1E Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90XC1F STMICROELECTRONICS-M27C512-90XC1F Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C512-90XC1TR STMICROELECTRONICS-M27C512-90XC1TR Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
More results

Similar Description - M27C512-90XC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512_08 Datasheet
187Kb / 22P
   512 Kbit (64 Kbit x8) low-voltage OTP EPROM
June 2008 Rev 4
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C4002-12F1 STMICROELECTRONICS-M27C4002-12F1 Datasheet
182Kb / 18P
   UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com