Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PHP1025 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PHP1025
Description  P-channel enhancement mode MOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP1025 Datasheet(HTML) 5 Page - NXP Semiconductors

  PHP1025 Datasheet HTML 1Page - NXP Semiconductors PHP1025 Datasheet HTML 2Page - NXP Semiconductors PHP1025 Datasheet HTML 3Page - NXP Semiconductors PHP1025 Datasheet HTML 4Page - NXP Semiconductors PHP1025 Datasheet HTML 5Page - NXP Semiconductors PHP1025 Datasheet HTML 6Page - NXP Semiconductors PHP1025 Datasheet HTML 7Page - NXP Semiconductors PHP1025 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1998 Feb 18
5
Philips Semiconductors
Objective specification
P-channel enhancement mode
MOS transistor
PHP1025
PACKAGE OUTLINE
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03S
MS-012AA
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.050
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
95-02-04
97-05-22


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BSH201 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH202 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP1035 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH203 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP109 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH205 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH206 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP125 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
BSH207 P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors
PHP206 Dual P-channel enhancement mode MOS transistor 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn