Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHP109 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHP109
Description  P-channel enhancement mode MOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHP109 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHP109 Datasheet HTML 1Page - NXP Semiconductors PHP109 Datasheet HTML 2Page - NXP Semiconductors PHP109 Datasheet HTML 3Page - NXP Semiconductors PHP109 Datasheet HTML 4Page - NXP Semiconductors PHP109 Datasheet HTML 5Page - NXP Semiconductors PHP109 Datasheet HTML 6Page - NXP Semiconductors PHP109 Datasheet HTML 7Page - NXP Semiconductors PHP109 Datasheet HTML 8Page - NXP Semiconductors PHP109 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Jun 18
2
Philips Semiconductors
Product specification
P-channel enhancement mode
MOS transistor
PHP109
FEATURES
• High-speed switching
• No secondary breakdown
• Very low on-resistance.
APPLICATIONS
• Motor and actuator driver
• Power management
• Synchronized rectification.
DESCRIPTION
P-channel enhancement mode MOS transistor in an 8-pin
plastic SO8 (SOT96-1) package.
CAUTION
The device is supplied in an antistatic package.
The gate-source input must be protected against static
discharge during transport or handling.
PINNING - SO8 (SOT96-1)
PIN
SYMBOL
DESCRIPTION
1
n.c.
not connected
2
s
source
3
s
source
4
g
gate
5
d
drain
6
d
drain
7
d
drain
8
d
drain
Fig.1 Simplified outline and symbol.
handbook, halfpage
d
MAM115
1
4
5
8
d
d
d
s
n.c.
g
s
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−−30
V
VSD
source-drain diode forward voltage
IS = −1.25 A
−−1.3
V
VGS
gate-source voltage (DC)
−±20
V
VGSth
gate-source threshold voltage
ID = −1 mA; VDS =VGS
−1
−2.8
V
ID
drain current (DC)
Ts =80 °C
−−5A
RDSon
drain-source on-state resistance
ID = −2.5 A; VGS = −10 V
0.09
Ptot
total power dissipation
Ts =80 °C
4W


Similar Part No. - PHP109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP101NQ03LT NXP-PHP101NQ03LT Datasheet
198Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 04-2 March 2009
logo
VBsemi Electronics Co.,...
PHP101NQ03LT VBSEMI-PHP101NQ03LT Datasheet
961Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PHP101NQ03LT NEXPERIA-PHP101NQ03LT Datasheet
313Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04 - 2 March 2009
logo
NXP Semiconductors
PHP101NQ04T PHILIPS-PHP101NQ04T Datasheet
94Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-12 May 2004
More results

Similar Description - PHP109

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSH202 NEXPERIA-BSH202 Datasheet
229Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
logo
NXP Semiconductors
PHP1035 PHILIPS-PHP1035 Datasheet
51Kb / 8P
   P-channel enhancement mode MOS transistor
1998 Feb 18
PHP125 PHILIPS-PHP125 Datasheet
105Kb / 12P
   P-channel enhancement mode MOS transistor
1997 Jun 18
BSH201 PHILIPS-BSH201 Datasheet
150Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH206 PHILIPS-BSH206 Datasheet
144Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH207 PHILIPS-BSH207 Datasheet
155Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
logo
Nexperia B.V. All right...
BSH201 NEXPERIA-BSH201 Datasheet
238Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
BSH203 NEXPERIA-BSH203 Datasheet
236Kb / 8P
   P-channel enhancement mode MOS transistor
August 1998
logo
NXP Semiconductors
BSH202 PHILIPS-BSH202 Datasheet
138Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
BSH205 PHILIPS-BSH205 Datasheet
143Kb / 7P
   P-channel enhancement mode MOS transistor
August 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com