Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA12 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SMA12
Description  Cascadable Amplifier 10 to 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMA12 Datasheet(HTML) 2 Page - Tyco Electronics

  SMA12 Datasheet HTML 1Page - Tyco Electronics SMA12 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cascadable Amplifier
10 to 1000 MHz
A12 / SMA12
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Outline Drawing: TO-8
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Typical Performance Curves at +25°C
Outline Drawing: Surface Mount
*
Outline Drawing: SMA Connectorized
*
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 1 gram (0.04 oz.) max
WEIGHT: 19 grams (0.67 oz.) max


Similar Part No. - SMA12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA12 MACOM-SMA12 Datasheet
113Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
Lite-On Technology Corp...
SMA12 LITEON-SMA12 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
First Components Intern...
SMA12 FCI-SMA12 Datasheet
110Kb / 2P
   1.0 Amp SURFACE MOUNT PLASTIC SILICON DIODES
logo
MIC GROUP RECTIFIERS
SMA12 MIC-SMA12 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA12 MA-COM-SMA12 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results

Similar Description - SMA12

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1031 MACOM-A1031 Datasheet
115Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A66-1 MACOM-A66-1_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
A66-1 MA-COM-A66-1_15 Datasheet
737Kb / 5P
   Cascadable Amplifier 10 to 1000 MHz
logo
Tyco Electronics
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A66-1 MACOM-A66-1 Datasheet
108Kb / 1P
   10 TO 1000 MHz CASCADABLE AMPLIFIER
A17 MACOM-A17_1 Datasheet
360Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
logo
M/A-COM Technology Solu...
RA66 MA-COM-RA66 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
RA69 MA-COM-RA69 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com