Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F801E Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 56F801E
Description  16-bit Digital Signal Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F801E Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  56F801E Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F801E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
56F801 Technical Data, Rev. 16
4
Freescale Semiconductor
Part 1 Overview
1.1 56F801 Features
1.1.1
Digital Signal Processing Core
Efficient 16-bit 56800 family controller engine with dual Harvard architecture
As many as 40 Million Instructions Per Second (MIPS) at 80MHz core frequency
Single-cycle 16
× 16-bit parallel Multiplier-Accumulator (MAC)
Two 36-bit accumulators including extension bits
16-bit bidirectional barrel shifter
Parallel instruction set with unique processor addressing modes
Hardware DO and REP loops
Three internal address buses and one external address bus
Four internal data buses and one external data bus
Instruction set supports both DSP and controller functions
Controller style addressing modes and instructions for compact code
Efficient C compiler and local variable support
Software subroutine and interrupt stack with depth limited only by memory
JTAG/OnCE debug programming interface
1.1.2
Memory
Harvard architecture permits as many as three simultaneous accesses to Program and Data memory
On-chip memory including a low-cost, high-volume Flash solution
—8K
× 16 bit words of Program Flash
—1K
× 16-bit words of Program RAM
—2K
× 16-bit words of Data Flash
—1K
× 16-bit words of Data RAM
—2K
× 16-bit words of Boot Flash
Programmable Boot Flash supports customized boot code and field upgrades of stored code through a
variety of interfaces (JTAG, SPI)
1.1.3
Peripheral Circuits for 56F801
Pulse Width Modulator (PWM) with six PWM outputs, two Fault inputs, fault-tolerant design with deadtime
insertion; supports both center- and edge-aligned modes
Two 12-bit, Analog-to-Digital Converters (ADCs), which support two simultaneous conversions with two
4-multiplexed inputs; ADC and PWM modules can be synchronized
General Purpose Quad Timer: Timer D with three pins (or three additional GPIO lines)
Serial Communication Interface (SCI) with two pins (or two additional GPIO lines)
Serial Peripheral Interface (SPI) with configurable four-pin port (or four additional GPIO lines)


Similar Part No. - 56F801E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F801E FREESCALE-56F801E Datasheet
541Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F801E NXP-56F801E Datasheet
731Kb / 48P
   16-bit Digital Signal Controllers
Rev. 17 09/2007
More results

Similar Description - 56F801E

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com