Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F805 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 56F805
Description  16-bit Digital Signal Controllers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F805 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  56F805 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F805 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
56F805 Technical Data, Rev. 15
Freescale Semiconductor
3
56F805 Block Diagram
JTAG/
OnCE
Port
Digital Reg
Analog Reg
Low Voltage
Supervisor
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Two 36-bit Accumulators
Address
Generation
Unit
Bit
Manipulation
Unit
PLL
Clock Gen
16-Bit
56800
Core
PAB
PDB
XDB2
CGDB
XAB1
XAB2
XTAL
EXTAL
INTERRUPT
CONTROLS
IPBB
CONTROLS
IPBus Bridge
(IPBB)
MODULE CONTROLS
ADDRESS BUS [8:0]
DATA BUS [15:0]
COP RESET
RESET
IRQA
IRQB
Applica-
tion-Specific
Memory &
Peripherals
Interrupt
Controller
Program Memory
32252 x 16 Flash
512 x 16 SRAM
Boot Flash
2048 x 16 Flash
Data Memory
4096 x 16 Flash
2048 x 16 SRAM
COP/
Watchdog
SPI
or
GPIO
SCI0
or
GPIO
Quad Timer D
/ Alt Func
Quad Timer C
A/D1
A/D2
ADC
4
2
4
4
4
4
6
PWM Outputs
Fault Inputs
PWMA
16
16
VCAPC
VDD
VSS
VDDA
VSSA
6
28
8*
EXTBOOT
Current Sense Inputs
3
Quadrature
Decoder 0/
Quad Timer A
CAN 2.0A/B
2
CLKO
External
Address Bus
Switch
Bus
Control
External
Data Bus
Switch
External
Bus
Interface
Unit
RD Enable
WR Enable
DS Select
PS Select
10
16
6
A[00:05]
D[00:15]
A[06:15] or
GPIO-E2:E3 &
GPIO-A0:A7
4
4
6
PWM Outputs
Fault Inputs
PWMB
Current Sense Inputs
3
Quadrature
Decoder 1/
Quad B Timer
4
2
SCI1
or
GPIO
2
Dedicated
GPIO
14
VPP
RSTO
VREF
Up to 40 MIPS at 80MHz core frequency
DSP and MCU functionality in a unified,
C-efficient architecture
Hardware DO and REP loops
MCU-friendly instruction set supports both DSP
and controller functions: MAC, bit manipulation
unit, 14 addressing modes
31.5K
× 16-bit words (64KB) Program Flash
512
× 16-bit words (1KB) Program RAM
•4K
× 16-bit words (8KB) Data Flash
•2K
× 16-bit words (4KB) Data RAM
•2K
× 16-bit words (4KB) Boot Flash
Up to 64K
× 16-bit words (128KB) each of external
Program and Data memory
Two 6-channel PWM Modules
Two 4-channel, 12-bit ADCs
Two Quadrature Decoders
CAN 2.0 B Module
Two Serial Communication Interfaces (SCIs)
Serial Peripheral Interface (SPI)
Up to four General Purpose Quad Timers
JTAG/OnCETM port for debugging
14 Dedicated and 18 Shared GPIO lines
144-pin LQFP Package
*includes TCS pin which is reserved for factory use and is tied to VSS
56F805 General Description


Similar Part No. - 56F805

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F805 MOTOROLA-56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
logo
Freescale Semiconductor...
56F805 FREESCALE-56F805 Datasheet
637Kb / 56P
   16-bit Digital Signal Controllers
56F805_0709 FREESCALE-56F805_0709 Datasheet
637Kb / 56P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F805

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com