Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A80-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # A80-1
Description  Cascadable Amplifier 10 to 200 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A80-1 Datasheet(HTML) 2 Page - Tyco Electronics

  A80-1_1 Datasheet HTML 1Page - Tyco Electronics A80-1_1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
0
! 6 / #0)+
,
;
!
!
! "
.
/1
.
/$!
"
#
#$
7
' 8
0
! 6 /
3
,
0
! 6 /
3
9 &
,
: >4-(
,
.
)/
: >4-(
,
.
)/
: >4-(
,
.
)/


Similar Part No. - A80-1_1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A80-1 MA-COM-A80-1_15 Datasheet
644Kb / 3P
   Cascadable Amplifier
More results

Similar Description - A80-1_1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
   10 TO 200 MHz CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC251 TELEDYNE-AC251 Datasheet
210Kb / 2P
   10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AP294 TELEDYNE-AP294 Datasheet
180Kb / 2P
   10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC293 ETC1-AC293 Datasheet
68Kb / 2P
   10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
UTOUTC0210 TELEDYNE-UTOUTC0210 Datasheet
153Kb / 5P
   Thin-Film Cascadable Amplifier 10 to 200 MHz
UTOUTC0221 TELEDYNE-UTOUTC0221 Datasheet
149Kb / 6P
   Thin-Film Cascadable Amplifier 10 to 200 MHz
logo
M/A-COM Technology Solu...
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 200 to 2600 MHz
A71 MA-COM-A71 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 200 MHz
logo
Teledyne Technologies I...
UTOUTC0211 TELEDYNE-UTOUTC0211 Datasheet
149Kb / 5P
   Thin-Film Cascadable Amplifier Module 10 to 200 MHz
logo
Tyco Electronics
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
   200 TO 2600 MHz CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com