Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56855 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56855
Description  16-bit Digital Signal Controllers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56855 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56855 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56855 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
56855 Description
56855 Technical Data, Rev. 6
Freescale Semiconductor
5
Six (6) independent channels of DMA
Time-of-Day (TOD)
•Up to 18 GPIO
* Each peripheral I/O can be used alternately as a General Purpose I/O if not needed
1.1.4
Energy Information
Fabricated in high-density CMOS with 3.3V, TTL-compatible digital inputs
Wait and Stop modes available
1.2 56855 Description
The 56855 is a member of the 56800E core-based family of controllers. It combines, on a single chip, the
processing power of a Digital Signal Processor (DSP) and the functionality of a microcontroller with a
flexible set of peripherals, creating an extremely cost-effective solution. Because of its low cost,
configuration flexibility, and compact program code, the 56855 is well-suited for many applications. The
56855 includes many peripherals that are especially useful for low-end Internet appliance applications
and low-end client applications such as telephony; portable devices; Internet audio; and point-of-sale
systems, such as noise suppression; ID tag readers; sonic/subsonic detectors; security access devices;
remote metering; sonic alarms.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The microprocessor-style programming
model and optimized instruction set allow straightforward generation of efficient, compact code for both
DSP and MCU applications. The instruction set is also highly efficient for C Compilers, enabling rapid
development of optimized control applications.
The 56855 supports program execution from either internal or external memories. Two data operands can
be accessed from the on-chip Data RAM per instruction cycle. The 56855 also provides two external
dedicated interrupt lines, and up to 18 General Purpose Input/Output (GPIO) lines, depending on
peripheral configuration.
The 56855 controller includes 24K words of Program RAM, 24K words of Data RAM and 1K of Boot
ROM. It also supports program execution from external memory.
This controller also provides a full set of standard programmable peripherals that include one Enhanced
Synchronous Serial Interface (ESSI), two Serial Communications Interfaces (SCI), and one Quad Timer.
The ESSI, SCIs, four chip selects and Quad Timer external output can be used as General Purpose
Input/Outputs when its primary function is not required.


Similar Part No. - 56855

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
56855 NXP-56855 Datasheet
1Mb / 52P
   16-bit Digital Signal Controllers
Rev. 6 01/2007
More results

Similar Description - 56855

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com