Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC08JK8MDW Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC68HC08JK8MDW
Description  Microcontrollers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08JK8MDW Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC68HC08JK8MDW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC08JK8MDW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC08JK8MDW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC08JK8MDW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC08JK8MDW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC08JK8MDW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC08JK8MDW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC08JK8MDW Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HC908JL8AD/D
Addendum to MC68HC908JL8 Technical Data
MCU Block Diagram
Figure 1 shows the block diagram of the MC68HC08JL8.
Memory Map
The MC68HC08JL8 has 8,192 bytes of user ROM from $DC00 to $FBFF, and
36 bytes of user ROM vectors from $FFDC to $FFFF. On the MC68HC908JL8,
these memory locations are FLASH memory.
Figure 2 shows the memory map of the MC68HC08JL8.
Figure 1. MC68HC08JL8 Block Diagram
SYSTEM INTEGRATION
MODULE
ARITHMETIC/LOGIC
UNIT (ALU)
CPU
REGISTERS
M68HC08 CPU
CONTROL AND STATUS REGISTERS — 64 BYTES
EXTERNAL INTERRUPT
MODULE
INTERNAL BUS
* RST
* IRQ
POWER
VSS
2-CHANNEL TIMER INTERFACE
MODULE 1
KEYBOARD INTERRUPT
MODULE
8-BIT ANALOG-TO-DIGITAL
CONVERTER MODULE
VDD
ADC REFERENCE
PTB7/ADC7
PTB6/ADC6
PTB5/ADC5
PTB4/ADC4
PTB3/ADC3
PTB2/ADC2
PTB1/ADC1
PTB0/ADC0
PTA6/KBI6**¥
PTA5/KBI5**
PTA4/KBI4**
PTA3/KBI3**
PTA2/KBI2**
PTA1/KBI1**
PTA0/KBI0**
POWER-ON RESET
MODULE
* Pin contains integrated pull-up device.
** Pin contains programmable pull-up device.
‡ LED direct sink pin.
OSC1
¥ OSC2/RCCLK
CRYSTAL OSCILLATOR
RC OSCILLATOR
PTD7/RxD**†‡
PTD6/TxD**†‡
PTD5/T1CH1
PTD4/T1CH0
PTD3/ADC8
PTD2/ADC9
PTD1/ADC10
PTD0/ADC11
BREAK
MODULE
COMPUTER OPERATING
PROPERLY MODULE
# Pins available on 32-pin packages only.
¥ Shared pin: OSC2/RCCLK/PTA6/KBI6.
PTA7/KBI7**
LOW-VOLTAGE INHIBIT
MODULE
SERIAL COMMUNICATIONS
INTERFACE MODULE
PTE1/T2CH1
PTE0/T2CH0
INTERNAL OSCILLATOR
ADC12/T2CLK
2-CHANNEL TIMER INTERFACE
MODULE 2
USER RAM — 256 BYTES
MONITOR ROM — 447 BYTES
#
##
#
##
#
## Pins available on 28-pin and 32-pin packages only.
† 25mA open-drain if output pin.
USER ROM — 8,192 BYTES
USER ROM VECTORS — 36 BYTES
Shaded blocks indicate differences to MC68HC908JL8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC08JK8MDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC08JK8MDW FREESCALE-MC68HC08JK8MDW Datasheet
320Kb / 8P
   Addendum to MC68HC908JL8 Technical Data
logo
NXP Semiconductors
MC68HC08JK8MDW NXP-MC68HC08JK8MDW Datasheet
343Kb / 8P
   Addendum to MC68HC908JL8 Technical Data
Rev. 0, 5/2002
More results

Similar Description - MC68HC08JK8MDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com