Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC08LJ12CFB Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC68HC08LJ12CFB
Description  low-voltage version of the MC68HC908LJ12
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08LJ12CFB Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC68HC08LJ12CFB Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC08LJ12CFB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC08LJ12CFB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC08LJ12CFB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC08LJ12CFB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC08LJ12CFB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC08LJ12CFB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC08LJ12CFB Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68HC08LJ12CFB Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HC908LJ12AD/D
Addendum to MC68HC908LJ12 Technical Data
Figure 1. Typical Internal Oscillator Frequency
ADC Electrical
Characteristics
20
23
45
6
70
60
50
40
30
Supply Voltage, VDD (V)
–40
°C
+25
°C
+85
°C
0
10
Table 6. ADC Electrical Characteristics (2.4 to 3.3V)
Characteristic
Symbol
Min
Max
Unit
Notes
Supply voltage
VDDA
2.4
3.3
V
Input range
VADIN
0
VDDA
V
VADIN ≤ VDDA
Resolution
BAD
10
10
bits
1,024 counts
Absolute accuracy
AAD
See Figure 2 and Figure 3.
Includes quantization.
±1 ADC count = ±0.5 LSB
ADC internal clock
fADIC
32 k
2 M
Hz
tADIC = 1/fADIC
Conversion range
RAD
VREFL
VREFH
V
ADC voltage
reference high
VREFH
VDDA + 0.1
V
ADC voltage
reference low
VREFL
VSSA – 0.1
—V
VSSA is tied to VSS internally.
Conversion time
tADC
16
17
tADIC
cycles
Sample time
tADS
5—
tADIC
cycles
Monotonically
MAD
Guaranteed
Zero input reading
ZADI
000
001
HEX
VADIN = VREFL
Full-scale reading
FADI
3FC
3FF
HEX
VADIN = VREFH
Input capacitance
CADI
20
pF
Not tested.
Input impedance
RADI
20M
Measured at 5V
VREFH/VREFL
IVREF
1.6
mA
Not tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC08LJ12CFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08LJ12CFB MOTOROLA-MC68HC08LJ12CFB Datasheet
604Kb / 16P
   Addendum to MC68HC908LJ12
logo
Freescale Semiconductor...
MC68HC08LJ12CFB FREESCALE-MC68HC08LJ12CFB Datasheet
637Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
MC68HC08LJ12CFB FREESCALE-MC68HC08LJ12CFB Datasheet
637Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
logo
NXP Semiconductors
MC68HC08LJ12CFB NXP-MC68HC08LJ12CFB Datasheet
686Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
Rev. 0, 6/2003
More results

Similar Description - MC68HC08LJ12CFB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1211201 SILABS-1211201 Datasheet
203Kb / 4P
   Version 1.0 of the SiM3U1xx
logo
Laird Tech Smart Techno...
SDC-EC25N LSTD-SDC-EC25N Datasheet
942Kb / 17P
   Preliminary version of the EC25N HIG
logo
Advanced Crystal Techno...
ACT86LCSMX ACT-ACT86LCSMX Datasheet
151Kb / 2P
   a low cost version of our popular the Surface Mount,
31/08/07
logo
Motorola, Inc
68HC908LJ12 MOTOROLA-68HC908LJ12 Datasheet
604Kb / 16P
   Addendum to MC68HC908LJ12
logo
Freescale Semiconductor...
S9S08SL8F1CTJ FREESCALE-S9S08SL8F1CTJ Datasheet
2Mb / 356P
   provides the functional version of the on-chip modules
logo
PHOENIX CONTACT
1758018 PHOENIX-1758018 Datasheet
150Kb / 6P
   The figure shows a 10-position version of the product
1786543 PHOENIX-1786543 Datasheet
157Kb / 6P
   The figure shows a 10-position version of the product
1701511 PHOENIX-1701511 Datasheet
180Kb / 5P
   The figure shows a 5-pos. version of the product
logo
IQD Frequency Products ...
CFPS-98 IQD-CFPS-98 Datasheet
307Kb / 2P
   SMD 4 pad version of the HC49/3.5H
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
   The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com