Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC08LJ12CPB Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC68HC08LJ12CPB
Description  low-voltage version of the MC68HC908LJ12
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08LJ12CPB Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC68HC08LJ12CPB Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC08LJ12CPB Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC08LJ12CPB Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC08LJ12CPB Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC08LJ12CPB Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC08LJ12CPB Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC08LJ12CPB Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC08LJ12CPB Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC08LJ12CPB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HC908LJ12AD/D
MC68HLC908LJ12
Addendum to MC68HC908LJ12 Technical Data
Oscillator
Characteristics
Table 4. Oscillator Specifications (2.4 to 2.7V)
Characteristic
Symbol
Min
Typ
Max
Unit
Internal oscillator clock frequency
fICLK
—See Figure 1.—
Hz
External reference clock to OSC1(1)
fOSC
dc
8M
Hz
Crystal reference frequency(2)
fXCLK
32.768k
4.9152M
Hz
Crystal load capacitance(3)
CL
———
Crystal fixed capacitance
C1
2
× C
L (25p)
—F
Crystal tuning capacitance
C2
2
× C
L (25p)
—F
Feedback bias resistor
RB
—10M
Series resistor(4)
RS
—100k
1. No more than 10% duty cycle deviation from 50%.
2. Fundamental mode crystals only.
3. Consult crystal manufacturer’s data.
4. Not Required for high frequency crystals.
Table 5. Oscillator Specifications (2.7 to 3.3V)
Characteristic
Symbol
Min
Typ
Max
Unit
Internal oscillator clock frequency
fICLK
—See Figure 1.—
Hz
External reference clock to OSC1(1)
fOSC
dc
16M
Hz
Crystal reference frequency(2)
fXCLK
32.768k
4.9152M
Hz
Crystal load capacitance(3)
CL
———
Crystal fixed capacitance
C1
2
× C
L (25p)
—F
Crystal tuning capacitance
C2
2
× C
L (25p)
—F
Feedback bias resistor
RB
—10M
Series resistor(4)
RS
—100k
1. No more than 10% duty cycle deviation from 50%.
2. Fundamental mode crystals only.
3. Consult crystal manufacturer’s data.
4. Not Required for high frequency crystals.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC08LJ12CPB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08LJ12CPB MOTOROLA-MC68HC08LJ12CPB Datasheet
604Kb / 16P
   Addendum to MC68HC908LJ12
logo
Freescale Semiconductor...
MC68HC08LJ12CPB FREESCALE-MC68HC08LJ12CPB Datasheet
637Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
MC68HC08LJ12CPB FREESCALE-MC68HC08LJ12CPB Datasheet
637Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
logo
NXP Semiconductors
MC68HC08LJ12CPB NXP-MC68HC08LJ12CPB Datasheet
686Kb / 16P
   Addendum to MC68HC908LJ12 Technical Data
Rev. 0, 6/2003
More results

Similar Description - MC68HC08LJ12CPB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1211201 SILABS-1211201 Datasheet
203Kb / 4P
   Version 1.0 of the SiM3U1xx
logo
Laird Tech Smart Techno...
SDC-EC25N LSTD-SDC-EC25N Datasheet
942Kb / 17P
   Preliminary version of the EC25N HIG
logo
Advanced Crystal Techno...
ACT86LCSMX ACT-ACT86LCSMX Datasheet
151Kb / 2P
   a low cost version of our popular the Surface Mount,
31/08/07
logo
Motorola, Inc
68HC908LJ12 MOTOROLA-68HC908LJ12 Datasheet
604Kb / 16P
   Addendum to MC68HC908LJ12
logo
Freescale Semiconductor...
S9S08SL8F1CTJ FREESCALE-S9S08SL8F1CTJ Datasheet
2Mb / 356P
   provides the functional version of the on-chip modules
logo
PHOENIX CONTACT
1758018 PHOENIX-1758018 Datasheet
150Kb / 6P
   The figure shows a 10-position version of the product
1786543 PHOENIX-1786543 Datasheet
157Kb / 6P
   The figure shows a 10-position version of the product
1701511 PHOENIX-1701511 Datasheet
180Kb / 5P
   The figure shows a 5-pos. version of the product
logo
IQD Frequency Products ...
CFPS-98 IQD-CFPS-98 Datasheet
307Kb / 2P
   SMD 4 pad version of the HC49/3.5H
logo
NXP Semiconductors
68HC705P6A NXP-68HC705P6A Datasheet
1Mb / 134P
   The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com