Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC08JL8CDW Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC68HC08JL8CDW
Description  Microcontrollers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC08JL8CDW Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC68HC08JL8CDW Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC08JL8CDW Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC08JL8CDW Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC08JL8CDW Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC08JL8CDW Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC08JL8CDW Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC08JL8CDW Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC08JL8CDW Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HC908JL8AD/D
Addendum to MC68HC908JL8 Technical Data
Reserved Registers
The two registers at $FE08 and $FFCF are reserved locations on the
MC68HC08JL8.
On the MC68HC908JL8, these two locations are the FLASH control register
and the FLASH block protect register respectively.
Mask Option
Register
The mask option register at $FFD0 is read only. The value is defined by mask
option (hard-wired connections) specified at the time as the ROM code
submission.
On the MC68HC908JL8, the MOR is implemented as a FLASH, which can be
programmed, erased, and read.
Monitor ROM
The monitor program (monitor ROM: $FE10–$FFCE) on the MC68HC08JL8 is
for device testing only. $FC00–$FDFF are unused.
Electrical
Specifications
Electrical specifications for the MC68HC908JL8 apply to the MC68HC08JL8,
except for the parameters indicated below.
DC Electrical
Characteristics
Table 2. DC Electrical Characteristics (5V)
Characteristic(1)
Symbol
Min
Typ(2)
Max
Unit
VDD supply current, fOP = 8MHz
RC oscillator option
IDD
Values same as, and characterized from
MC68HC908JL8, but not tested.
Low-voltage inhibit, trip falling voltage
VTRIPF
3.55 (3.60)(3)
4.02 (4.25)
4.48 (4.48)
V
Low-voltage inhibit, trip rising voltage
VTRIPR
3.66 (3.75)
4.13 (4.40)
4.59 (4.63)
V
1. VDD = 4.5 to 5.5 Vdc, VSS = 0 Vdc, TA = TL to TH, unless otherwise noted.
2. Typical values reflect average measurements at midpoint of voltage range, 25
°C only.
3. The numbers in parenthesis are MC68HC908JL8 values.
Table 3. DC Electrical Characteristics (3V)
Characteristic(1)
Symbol
Min
Typ(2)
Max
Unit
VDD supply current, fOP = 4MHz
RC oscillator option
IDD
Values same as, and characterized from
MC68HC908JL8, but not tested.
Low-voltage inhibit, trip voltage
(No hysteresis implemented for 3V LVI)
VLVI3
2.1 (2.18)(3)
2.4 (2.49)
2.69 (2.68)
V
1. VDD = 2.7 to 3.3 Vdc, VSS = 0 Vdc, TA = TL to TH, unless otherwise noted.
2. Typical values reflect average measurements at midpoint of voltage range, 25
°C only.
3. The numbers in parenthesis are MC68HC908JL8 values.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC08JL8CDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC08JL8CDW FREESCALE-MC68HC08JL8CDW Datasheet
320Kb / 8P
   Addendum to MC68HC908JL8 Technical Data
logo
NXP Semiconductors
MC68HC08JL8CDW NXP-MC68HC08JL8CDW Datasheet
343Kb / 8P
   Addendum to MC68HC908JL8 Technical Data
Rev. 0, 5/2002
More results

Similar Description - MC68HC08JL8CDW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com