Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APHH1005RWF-A Datasheet(PDF) 3 Page - Kingbright Corporation

Part # APHH1005RWF-A
Description  4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHH1005RWF-A Datasheet(HTML) 3 Page - Kingbright Corporation

  APHH1005RWF-A Datasheet HTML 1Page - Kingbright Corporation APHH1005RWF-A Datasheet HTML 2Page - Kingbright Corporation APHH1005RWF-A Datasheet HTML 3Page - Kingbright Corporation APHH1005RWF-A Datasheet HTML 4Page - Kingbright Corporation APHH1005RWF-A Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAG6504
REV NO: V.1
DATE:JUL/15/2006
PAGE: 3 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN:Y.L.LI
ERP: 1203005570
White
APHH1005RWF/A
Brightness codes
Φv (mlm)
Note2
@ 20 mA
Code.
Min.
Max.
Typ.
M
70
130
400
N
110
220
600
P
180
320
750
Q
280
420
920
luminous Intensity
Note1
Iv(mcd) @ 20 mA
Notes:
1.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
2.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the
typical data. For the purpose of product enhancement, the typical data is subject to change without prior notice.


Similar Part No. - APHH1005RWF-A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHH1005RWF KINGBRIGHT-APHH1005RWF Datasheet
335Kb / 7P
   1.0x0.5mm SMD CHIP LED LAMP
APHH1005RWF/A KINGBRIGHT-APHH1005RWF/A Datasheet
335Kb / 7P
   1.0x0.5mm SMD CHIP LED LAMP
APHH1005RWF KINGBRIGHT-APHH1005RWF_07 Datasheet
335Kb / 7P
   1.0x0.5mm SMD CHIP LED LAMP
More results

Similar Description - APHH1005RWF-A

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZM2BG91W SUNLED-ZM2BG91W Datasheet
192Kb / 4P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APEKA4030SURC KINGBRIGHT-APEKA4030SURC Datasheet
147Kb / 5P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB91W SUNLED-ZM2BB91W Datasheet
192Kb / 4P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZSG91W SUNLED-ZSG91W Datasheet
189Kb / 4P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APEKA4030MGC KINGBRIGHT-APEKA4030MGC Datasheet
150Kb / 5P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030PBC KINGBRIGHT-APEKA4030PBC Datasheet
168Kb / 5P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030PBC-A-F01 KINGBRIGHT-APEKA4030PBC-A-F01 Datasheet
164Kb / 5P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030SEC KINGBRIGHT-APEKA4030SEC Datasheet
147Kb / 5P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZSGK91W SUNLED-ZSGK91W Datasheet
191Kb / 4P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
XZMD91W SUNLED-XZMD91W Datasheet
190Kb / 4P
   4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com