Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APKA2810SYC Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APKA2810SYC
Description  2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APKA2810SYC Datasheet(HTML) 2 Page - Kingbright Corporation

  APKA2810SYC Datasheet HTML 1Page - Kingbright Corporation APKA2810SYC Datasheet HTML 2Page - Kingbright Corporation APKA2810SYC Datasheet HTML 3Page - Kingbright Corporation APKA2810SYC Datasheet HTML 4Page - Kingbright Corporation APKA2810SYC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1130
REV NO: V.3
DATE: JUL/02/2005
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1204000241
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
APKA2810SYC
SUPER BRIGHT YELLOW (InGaAlP)
WATER CLEAR
50
150
90
°
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Super Bright Yellow
590
nm
IF=20mA
λD
Dominant Wavelength
Super Bright Yellow
588
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Super Bright Yellow
28
nm
IF=20mA
C
Capacitance
Super Bright Yellow
25
pF
VF=0V;f=1MHz
VF
Forward Voltage
Super Bright Yellow
2.0
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Yellow
10
uA
VR = 5V
Parameter
Super Bright Yellow
Units
Power dissipation
125
mW
DC Forward Current
30
mA
Peak Forward Current [1]
150
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


Similar Part No. - APKA2810SYC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA2810SYCK-F01 KINGBRIGHT-APKA2810SYCK-F01 Datasheet
277Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APKA2810SYC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA2810TGC KINGBRIGHT-APKA2810TGC Datasheet
169Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CY81W-1 SUNLED-ZM2CY81W-1 Datasheet
189Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2CR81W-1 SUNLED-ZM2CR81W-1 Datasheet
191Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA2810SECK-F01 KINGBRIGHT-APKA2810SECK-F01 Datasheet
279Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810SURC KINGBRIGHT-APKA2810SURC Datasheet
150Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810VGC-A-F01 KINGBRIGHT-APKA2810VGC-A-F01 Datasheet
285Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BG81W-1 SUNLED-ZM2BG81W-1 Datasheet
192Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
APKA2810QBC-D-F01 KINGBRIGHT-APKA2810QBC-D-F01 Datasheet
300Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810SEC KINGBRIGHT-APKA2810SEC Datasheet
150Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA2810ZGC-F01 KINGBRIGHT-APKA2810ZGC-F01 Datasheet
302Kb / 5P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB81W-1 SUNLED-ZM2BB81W-1 Datasheet
192Kb / 4P
   2.8X1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com