Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFM-900 Datasheet(PDF) 1 Page - Tyco Electronics

Part # EFM-900
Description  E-Series Surface Mount Mixer 810-1000MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EFM-900 Datasheet(HTML) 1 Page - Tyco Electronics

  EFM-900 Datasheet HTML 1Page - Tyco Electronics EFM-900 Datasheet HTML 2Page - Tyco Electronics EFM-900 Datasheet HTML 3Page - Tyco Electronics EFM-900 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E-Series Surface Mount Mixer
810 – 1000 MHz
EFM-900
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
1
Features
• LO Power +13 dBm
• +22dB Compression Point
• +30dBm IIP3
• +32 dBm IIP3 Down Converting
• Surface Mount
• Up and Down converting
• Tape and reel packaging available
Description
M/A Com's EFM-900 uses a novel, patent pending
design to achieve very high linearity at low LO drive
levels. Typically IP3 performance is +30dBm with an
LO drive level of just +13dBm. The mixer combines
PHEMT devices and carefully matched transformers
in a surface mount package which can be used for
both up and down converting. It is ideally suited for
wireless applications where high linearity is required.
Parts are packaged in tape & reel.
Ordering Information
Part Number
Package
EFM-900TR
Tape and Reel (500 piece Reel)
SM - 108 - Non Hermetic Package
Electrical Specifications: TA = 25°C, Z0 = 50Ω
1
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
RF Frequency
DC bias 6V ± 0.3V
810 - 1000
MHz
LO Frequency
DC bias 6V ± 0.3V
700 - 1000
MHz
IF Frequency
DC bias 6V ± 0.3V
10 - 100
MHz
Conversion Loss
810 - 1000
dB
-
8.5
9.5
Isolation
LO to RF
700 - 1000
dB
18.0
22.0
Isolation
LO to IF
700 - 1000
dB
25.0
33.0
Isolation
RF to IF
810 - 1000
dB
30.0
37.0
VSWR
LO
700 - 1000
1.8
VSWR
RF
810 - 1000
3.5


Similar Part No. - EFM-900

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
EFM-900 MA-COM-EFM-900 Datasheet
82Kb / 3P
   E-Series Surface Mount Mixer 810 - 1000 MHz
More results

Similar Description - EFM-900

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EMRS-25MH MACOM-EMRS-25MH Datasheet
47Kb / 2P
   E-Series Surface Mount Mixer 810-1000MHz
MAMXES0028 MACOM-MAMXES0028 Datasheet
98Kb / 3P
   E-Series Surface Mount Mixer, 1 - 1000MHz
MAMX-008174-CXD860 MACOM-MAMX-008174-CXD860 Datasheet
161Kb / 4P
   E-Series Surface Mount Mixer 1-1000MHz
ESMD-C1 MACOM-ESMD-C1 Datasheet
32Kb / 1P
   E-Series Surface Mount Mixer 1-1000MHz
ELCM-2 MACOM-ELCM-2_1 Datasheet
129Kb / 2P
   E-Series Surface Mount Mixer 5-1000MHz
EMRS-2 MACOM-EMRS-2 Datasheet
32Kb / 1P
   E-Series Surface Mount Mixer 5-1000MHz
logo
M/A-COM Technology Solu...
EFM-900 MA-COM-EFM-900 Datasheet
82Kb / 3P
   E-Series Surface Mount Mixer 810 - 1000 MHz
MAMX-007253-ES0067 MA-COM-MAMX-007253-ES0067_15 Datasheet
147Kb / 2P
   E-Series Surface Mount Mixer
MAMX-009722-25MHLP MA-COM-MAMX-009722-25MHLP_15 Datasheet
156Kb / 2P
   E-Series Surface Mount Mixer
MAMXES0117 MA-COM-MAMXES0117_15 Datasheet
165Kb / 4P
   E-Series Surface Mount Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com