Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A52HRJ00F Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1A52HRJ00F
Description  Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A52HRJ00F Datasheet(HTML) 1 Page - Sharp Corporation

  GP1A52HRJ00F Datasheet HTML 1Page - Sharp Corporation GP1A52HRJ00F Datasheet HTML 2Page - Sharp Corporation GP1A52HRJ00F Datasheet HTML 3Page - Sharp Corporation GP1A52HRJ00F Datasheet HTML 4Page - Sharp Corporation GP1A52HRJ00F Datasheet HTML 5Page - Sharp Corporation GP1A52HRJ00F Datasheet HTML 6Page - Sharp Corporation GP1A52HRJ00F Datasheet HTML 7Page - Sharp Corporation GP1A52HRJ00F Datasheet HTML 8Page - Sharp Corporation GP1A52HRJ00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GP1A52HRJ00F
1
Sheet No.: D3-A03701EN
Date Oct. 3. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
GP1A52HRJ00F
Gap : 3mm, Slit : 0.5mm
*OPIC Output
Case package Transmissive
Photointerrupter
■ Description
GP1A52HRJ00F is a standard, OPIC output, trans-
missive photointerrupter with opposing emitter and de-
tector in a case, providing non-contact sensing. For this
family of devices, the emitter and detector are inserted in
a case, resulting in a through-hole design.
■ Features
1. Transmissive with OPIC output
2. Highlights:
• Vertical Slit for alternate motion detection
• Output Low Level at intercepting optical path
3. Key Parameters:
• Gap Width : 3mm
• Slit Width (detector side) : 0.5mm
• Package : 12.2×10×5mm
4. Lead free and RoHS directive compliant
■ Agency approvals/Compliance
1. Compliant with RoHS directive
■ Applications
1. General purpose detection of object presence or mo-
tion.
2. Example : Printer, FAX, Optical storage unit
* "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-
processing


Similar Part No. - GP1A52HRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A52HR SHARP-GP1A52HR Datasheet
82Kb / 5P
   OPIC Photointerrupter
More results

Similar Description - GP1A52HRJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1S51VJ000F SHARP-GP1S51VJ000F Datasheet
157Kb / 12P
   Gap : 3mm Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
GP1L50J0000F SHARP-GP1L50J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L52VJ000F SHARP-GP1L52VJ000F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1L51J0000F SHARP-GP1L51J0000F Datasheet
157Kb / 12P
   Gap : 3mm, Slit : 0.5mm Darlington Phototransistor Output, Case package Transmissive Photointerrupter
GP1A57HRJ00F SHARP-GP1A57HRJ00F Datasheet
152Kb / 12P
   Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com