Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A91LCJ00F Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1A91LCJ00F
Description  Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A91LCJ00F Datasheet(HTML) 1 Page - Sharp Corporation

  GP1A91LCJ00F Datasheet HTML 1Page - Sharp Corporation GP1A91LCJ00F Datasheet HTML 2Page - Sharp Corporation GP1A91LCJ00F Datasheet HTML 3Page - Sharp Corporation GP1A91LCJ00F Datasheet HTML 4Page - Sharp Corporation GP1A91LCJ00F Datasheet HTML 5Page - Sharp Corporation GP1A91LCJ00F Datasheet HTML 6Page - Sharp Corporation GP1A91LCJ00F Datasheet HTML 7Page - Sharp Corporation GP1A91LCJ00F Datasheet HTML 8Page - Sharp Corporation GP1A91LCJ00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GP1A91LCJ00F
1
Sheet No.: D3-A01601EN
Date Oct. 3. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
GP1A91LCJ00F
Gap : 1.2mm, Slit : 0.23mm
*OPIC Output,
Compact Transmissive
Photointerrupter
■ Description
GP1A91LCJ00F is a compact-package, OPIC output,
transmissive photointerrupter, with opposing emitter and
detector in a molding that provides non-contact sensing.
The compact package series is a result of unique
technology combing transfer and injection molding.
This device has 2 positioning bosses on the detector
side, open collector for the deviceʼs output.
■ Features
1. Transmissive with OPIC output
2. Highlights :
• Compact Size
3. Key Parameters :
• Gap Width : 1.2mm
• Slit Width (detector side): 0.23mm
• Package : 3.7×2.6×3.1mm
4. Lead free and RoHS directive compliant
■ Agency approvals/Compliance
1. Compliant with RoHS directive
■ Applications
1. Detection of object presence or motion.
2. Example : printer, lens control for camera
* "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-
processing


Similar Part No. - GP1A91LCJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A91LRJ00F SHARP-GP1A91LRJ00F Datasheet
148Kb / 11P
   Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
More results

Similar Description - GP1A91LCJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A91LRJ00F SHARP-GP1A91LRJ00F Datasheet
148Kb / 11P
   Gap : 1.2mm, Slit : 0.23mm OPIC Output, Compact Transmissive Photointerrupter
GP1A52HRJ00F SHARP-GP1A52HRJ00F Datasheet
155Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A05AJ000F SHARP-GP1A05AJ000F Datasheet
151Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A57HRJ00F SHARP-GP1A57HRJ00F Datasheet
152Kb / 12P
   Gap : 10mm, Slit : 1.8mm OPIC Output Case package Transmissive Photointerrupter
GP1A05EJ000F SHARP-GP1A05EJ000F Datasheet
136Kb / 10P
   Gap : 5mm, Slit : 0.5mm OPIC Output Transmissive Photointerrupter with Connector
GP1A51HRJ00F SHARP-GP1A51HRJ00F Datasheet
153Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A58HRJ00F SHARP-GP1A58HRJ00F Datasheet
155Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A53HRJ00F SHARP-GP1A53HRJ00F Datasheet
154Kb / 12P
   Gap : 5mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A50HRJ00F SHARP-GP1A50HRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
GP1A52LRJ00F SHARP-GP1A52LRJ00F Datasheet
154Kb / 12P
   Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com