Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APKF3030SUVGABEC-F01 Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APKF3030SUVGABEC-F01
Description  3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APKF3030SUVGABEC-F01 Datasheet(HTML) 1 Page - Kingbright Corporation

  APKF3030SUVGABEC-F01 Datasheet HTML 1Page - Kingbright Corporation APKF3030SUVGABEC-F01 Datasheet HTML 2Page - Kingbright Corporation APKF3030SUVGABEC-F01 Datasheet HTML 3Page - Kingbright Corporation APKF3030SUVGABEC-F01 Datasheet HTML 4Page - Kingbright Corporation APKF3030SUVGABEC-F01 Datasheet HTML 5Page - Kingbright Corporation APKF3030SUVGABEC-F01 Datasheet HTML 6Page - Kingbright Corporation APKF3030SUVGABEC-F01 Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: DSAG5763
REV NO: V.2
DATE: JUN/24/2006
PAGE: 1 OF 7
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Z.Z.YANG
ERP: 1204000834
Package Dimensions
Description
The Hyper Red source color devices are made
with DH InGaAlP on GaAs substrate Light Emitting
Diode.
The Green source color devices are made with InGaN on
G-SiC Light Emitting Diode.
The Blue source color devices are made with InGaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Part Number: APKF3030SUVGABEC-F01
HYPER RED
GREEN
BLUE
Features
●LOW POWER CONSUMPTION.
●3.0mmx3.0mm SMT LED, 2.0mm(MAX.) THICKNESS.
●ONE RED, ONE GREEN AND ONE BLUE CHIPS IN
ONE PACKAGE.
●CAN PRODUCE ANY COLOR IN VISIBLE
SPECTRUM, INCLUDING WHITE LIGHT.
●PACKAGE : 1000PCS / REEL.
●MOISTURE SENSITIVITY LEVEL : LEVEL 4.
●RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.
3.0mmx3.0mm FULL-COLOR SURFACE MOUNT
LED LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
PRELIMINARY SPEC


Similar Part No. - APKF3030SUVGABEC-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKF3030SUVGBEC KINGBRIGHT-APKF3030SUVGBEC Datasheet
226Kb / 6P
   3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
More results

Similar Description - APKF3030SUVGABEC-F01

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMEBGABBG86W SUNLED-ZMEBGABBG86W Datasheet
249Kb / 6P
   3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
ZMDBGABBG86W SUNLED-ZMDBGABBG86W Datasheet
252Kb / 6P
   3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
APKF3030SUVGBEC KINGBRIGHT-APKF3030SUVGBEC Datasheet
226Kb / 6P
   3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
APKF3030SEEVGABE-F01 KINGBRIGHT-APKF3030SEEVGABE-F01 Datasheet
234Kb / 7P
   3.0mmx3.0mm FULL-COLOR SURFACE MOUNT LED LAMP
APKF3030VGAXXC-F01 KINGBRIGHT-APKF3030VGAXXC-F01 Datasheet
182Kb / 5P
   3.0mmx3.0mm SURFACE MOUNT LED LAMP
APKF3030SEXXC-E KINGBRIGHT-APKF3030SEXXC-E Datasheet
123Kb / 4P
   3.0mmx3.0mm SURFACE MOUNT LED LAMP
APKF3030PBAXXC-F01 KINGBRIGHT-APKF3030PBAXXC-F01 Datasheet
186Kb / 5P
   3.0mmx3.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKSGKBBA61W SUNLED-ZMDKSGKBBA61W Datasheet
255Kb / 6P
   3.2X3.6mm FULL-COLOR SURFACE MOUNT LED LAMP
ZMEBGGBBG93W SUNLED-ZMEBGGBBG93W Datasheet
268Kb / 6P
   2.4mmx2.0mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
APF3236SURKVGAPBA KINGBRIGHT-APF3236SURKVGAPBA Datasheet
399Kb / 7P
   3.2mmx3.6mm FULL-COLOR SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com