Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3015SF4C-F01 Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APL3015SF4C-F01
Description  3.0mmx1.5mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APL3015SF4C-F01 Datasheet(HTML) 2 Page - Kingbright Corporation

  APL3015SF4C-F01 Datasheet HTML 1Page - Kingbright Corporation APL3015SF4C-F01 Datasheet HTML 2Page - Kingbright Corporation APL3015SF4C-F01 Datasheet HTML 3Page - Kingbright Corporation APL3015SF4C-F01 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAF1076
REV NO: V.1
DATE: MAR/15/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.H.CHEN
ERP:1203001613-01
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Part No.
Dice
Lens Type
Po (mW/sr)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θ1/2
APL3015SF4C-F01
SF4 (GaAlAs)
WATER CLEAR
0.4
1
70
°
Parameter
P/N
Symbol
Typ.
Max.
Units
Test Conditions
Forward Voltage
SF4
VF
1.3
1.6
V
IF=20mA
Reverse Current
SF4
IR
-
10
uA
VR=5V
Capacitance
SF4
C
90
-
pF
VF=0V;f=1MHz
Peak Spectral Wavelength
SF4
λP
880
-
nm
IF=20mA
Spectral Bandwidth
SF4
∆λ1/2
50
-
nm
IF=20mA
Note:
1. 1/100 Duty Cycle, 10us Pulse Width.
Parameter
Symbol
SF4
Units
Power Dissipation
PT
100
mW
DC Forward Current
IF
50
mA
Peak Forward Current[1]
iFS
1.2
A
Reverse Voltage
VR
5
V
Operating Temperature
TA
-40 To +85
°C
Storage Temperature
TSTG
-40 To +85
°C


Similar Part No. - APL3015SF4C-F01

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APL3015SEC KINGBRIGHT-APL3015SEC Datasheet
226Kb / 1P
   3.0 x 1.5mm SURFACE MOUNT LED
APL3015SEC-F01 KINGBRIGHT-APL3015SEC-F01 Datasheet
115Kb / 4P
   3.0mmx1.5mm SMD CHIP LED LAMP
APL3015SECK KINGBRIGHT-APL3015SECK Datasheet
226Kb / 1P
   3.0 x 1.5mm SURFACE MOUNT LED
APL3015SECK-F01 KINGBRIGHT-APL3015SECK-F01 Datasheet
276Kb / 5P
   3.0mmx1.5mm SMD CHIP LED LAMP
APL3015SGC KINGBRIGHT-APL3015SGC Datasheet
109Kb / 5P
   3.0x1.5mm SMD CHIP LED LAMPS
More results

Similar Description - APL3015SF4C-F01

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDK60W SUNLED-ZMDK60W Datasheet
183Kb / 4P
   3.0mmx1.5mm SMD CHIP LED LAMP
ZMO60W SUNLED-ZMO60W Datasheet
186Kb / 4P
   3.0mmx1.5mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APL3015CGCK KINGBRIGHT-APL3015CGCK Datasheet
96Kb / 4P
   3.0mmx1.5mm SMD CHIP LED LAMP
APL3015SURCK-F01 KINGBRIGHT-APL3015SURCK-F01 Datasheet
276Kb / 5P
   3.0mmx1.5mm SMD CHIP LED LAMP
APL3015ZGC-F01 KINGBRIGHT-APL3015ZGC-F01 Datasheet
299Kb / 5P
   3.0mmx1.5mm SMD CHIP LED LAMP
APL3015SYCK-F01 KINGBRIGHT-APL3015SYCK-F01 Datasheet
275Kb / 5P
   3.0mmx1.5mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZMG60W SUNLED-ZMG60W Datasheet
185Kb / 4P
   3.0mmx1.5mm SMD CHIP LED LAMP
ZM2CY60W SUNLED-ZM2CY60W Datasheet
185Kb / 4P
   3.0mmx1.5mm SMD CHIP LED LAMP
ZMD60W SUNLED-ZMD60W Datasheet
188Kb / 4P
   3.0mmx1.5mm SMD CHIP LED LAMP
logo
Kingbright Corporation
APL3015SECK-F01 KINGBRIGHT-APL3015SECK-F01 Datasheet
276Kb / 5P
   3.0mmx1.5mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com