Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEM-OPA-SOT-1A Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DEM-OPA-SOT-1A
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DEM-OPA-SOT-1A Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DEM-OPA-SOT-1A Datasheet HTML 7Page - Burr-Brown (TI) DEM-OPA-SOT-1A Datasheet HTML 8Page - Burr-Brown (TI) DEM-OPA-SOT-1A Datasheet HTML 9Page - Burr-Brown (TI) DEM-OPA-SOT-1A Datasheet HTML 10Page - Burr-Brown (TI) DEM-OPA-SOT-1A Datasheet HTML 11Page - Burr-Brown (TI) DEM-OPA-SOT-1A Datasheet HTML 12Page - Burr-Brown (TI) DEM-OPA-SOT-1A Datasheet HTML 13Page - Burr-Brown (TI) DEM-OPA-SOT-1A Datasheet HTML 14Page - Burr-Brown (TI) DEM-OPA-SOT-1A Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V, Differential
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
300
R =750
F
W
R =400
L
W
G =10V/V
D
G =1V/V
D
G =2V/V
D
G =5V/V
D
9
6
3
0
-3
-6
-9
Frequency(MHz)
1
10
100
300
G =5V
D
PP
G =14V
D
PP
G =8V
D
PP
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
Frequency(MHz)
1
10
20
R =400W
L
G =2V/V
D
2ndHarmonic
3rdHarmonic
-70
-75
-80
-85
-90
-95
-100
-105
-110
-115
-120
LoadResistance( )
W
100
1k
V =4V
O
PP
f=1MHz
G =2V/V
D
3rdHarmonic
2ndHarmonic
-75
-80
-85
-90
-95
-100
-105
-110
OutputVoltage(V )
PP
0.1
1
10
R
W
L =400
f=1MHz
G =2V/V
D
2ndHarmonic
3rdHarmonic
OPA890
SBOS369 – MAY 2007
At T
A = +25°C, Differential Gain = +2V/V, RF = 750Ω, and RL = 400Ω, unless otherwise noted.
DIFFERENTIAL SMALL-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
Figure 25.
Figure 26.
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
DIFFERENTIAL DISTORTION vs FREQUENCY
Figure 27.
Figure 28.
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 29.
11
Submit Documentation Feedback


Similar Part No. - DEM-OPA-SOT-1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DEM-OPA-SOT-1A TI-DEM-OPA-SOT-1A Datasheet
682Kb / 35P
[Old version datasheet]   Low-Power, Single-Supply, Wideband Operational Amplifier
More results

Similar Description - DEM-OPA-SOT-1A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
National Semiconductor ...
OPA890 NSC-OPA890 Datasheet
1Mb / 34P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
   Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com