Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD234DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD234DR
Description  3.3-V CAN TRANSCEIVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD234DR Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD234DR Datasheet HTML 1Page - Texas Instruments SN65HVD234DR Datasheet HTML 2Page - Texas Instruments SN65HVD234DR Datasheet HTML 3Page - Texas Instruments SN65HVD234DR Datasheet HTML 4Page - Texas Instruments SN65HVD234DR Datasheet HTML 5Page - Texas Instruments SN65HVD234DR Datasheet HTML 6Page - Texas Instruments SN65HVD234DR Datasheet HTML 7Page - Texas Instruments SN65HVD234DR Datasheet HTML 8Page - Texas Instruments SN65HVD234DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557D − NOVEMBER 2002 REVISED JUNE 2005
3.3V CAN TRANSCEIVERS
FEATURES
D Bus-Pin Fault Protection Exceeds ±36 V
D Bus-Pin ESD Protection Exceeds 16-kV HBM
D GIFT/ICT Compliant (SN65HVD234)
D Compatible With ISO 11898
D Signaling Rates(1) up to 1 Mbps
D Extended –7-V to 12-V Common-Mode Range
D High-Input Impedance Allows for 120 Nodes
D LVTTL I/Os Are 5-V Tolerant
D Adjustable Driver Transition Times for
Improved Signal Quality
D Unpowered Node Does Not Disturb the Bus
D Low-Current Standby Mode . . . 200-µA
Typical
D Low-Current Sleep Mode . . . 50-nA Typical
(SN65HVD234)
D Thermal Shutdown Protection
D Power-Up / Down Glitch-Free Bus Inputs and
Outputs
− High Input Impedance With Low VCC
− Monolithic Output During Power Cycling
D Loopback for Diagnostic Functions Available
(SN65HVD233)
D Loopback for Autobaud Function Available
(SN65HVD235)
D DeviceNet Vendor ID #806
APPLICATIONS
D CAN Data Bus
D Industrial Automation
DeviceNet
 Data Buses
Smart Distributed Systems (SDS
)
D SAE J1939 Standard Data Bus Interface
D NMEA 2000 Standard Data Bus Interface
D ISO 11783 Standard Data Bus Interface
DESCRIPTION
The SN65HVD233, SN65HVD234, and SN65HVD235
are used in applications employing the controller area
network (CAN) serial communication physical layer in
accordance with the ISO 11898 standard. As a CAN
transceiver, each provides transmit and receive capability
between the differential CAN bus and a CAN controller,
with signaling rates up to 1 Mbps.
Designed for operation in especially harsh environments,
the devices feature cross-wire, overvoltage and loss of
ground protection to
±36 V, with overtemperature
protection and common-mode transient protection of
±100 V. These devices operate over a –7-V to 12-V
common-mode range with a maximum of 60 nodes on a
bus.
8
1
4
5
RS
D
R
LBK
7
6
CANH
CANL
8
1
4
5
7
6
CANH
CANL
RS
D
EN
R
8
1
4
5
RS
D
R
AB
7
6
CANH
CANL
SN65HVD233
FUNCTIONAL BLOCK DIAGRAM
SN65HVD234
FUNCTIONAL BLOCK DIAGRAM
SN65HVD235
FUNCTIONAL BLOCK DIAGRAM
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002−2003, Texas Instruments Incorporated
(1)The signaling rate of a line is the number of voltage transitions that are made per second expressed in the units bps (bits per second).
DeviceNet is a trademark of Open DeviceNet Vendor Association.
Other trademarks are the property of their respective owners.


Similar Part No. - SN65HVD234DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD234DR TI-SN65HVD234DR Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DR TI1-SN65HVD234DR Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DR TI-SN65HVD234DR Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DR TI-SN65HVD234DR Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DR TI-SN65HVD234DR Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - SN65HVD234DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com