Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83C2C-C12-K10 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 83C2C-C12-K10
Description  83/84 - 5/8 Square 10-Turn
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

83C2C-C12-K10 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  83C2C-C12-K10 Datasheet HTML 1Page - Bourns Electronic Solutions 83C2C-C12-K10 Datasheet HTML 2Page - Bourns Electronic Solutions 83C2C-C12-K10 Datasheet HTML 3Page - Bourns Electronic Solutions 83C2C-C12-K10 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
ANTI-ROTATION LUG
A
Single .305 R, 90 °CW
B
Double .305 R, 90 ° & 270 °CW
C
Single .305 R, 270 °CW
D
No Lug
E
Single .531 R, 90 °CW
F
Single .305 R, 180 °CW
J
Single .375 R, 90 °CW
K
Double .375 R, 90 ° & 270 °CW
# SECTIONS
1
Single
2
Double
3
Triple
AVAILABLE ONLY IN
SHAFT TYPE
LENGTHS
BUSHINGS
(CODE)
(CODE)
A Single Plain 1/4 ” (6.35 mm) D
16,20,24,28
A, B, J
B Single Slotted 1/4 ” (6.35 mm) D
16,20,24,28
A, B, J
C Single Flatted 1/4 ” (6.35 mm) D
20,24,28
A, B, J
E Single Slotted 1/8 ” (3.18 mm) D
12,16,20,24,28
C, E, N
F Single Flatted 1/8 ” (3.18 mm) D
Consult Factory C, N
G Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D
36,40
A, J
Outer Operates Section 1
K Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D
32,36
C, N
Outer Operates Section 1
L Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D
36,40
A, J
Outer Operates Section 1/2
M Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D
32,36
C, N
Outer Operates Section 1
N Dual Concentric Plain 1/4 ” (6.35 mm) D - 1/8 ” (3.18 mm) D
36,40
A, J
Outer Operates Section 1/2/3
P Dual Concentric Plain 1/8 ” (3.18 mm) D - 5/64 ” (1.98 mm) D
32,36
C, N
Outer Operates Section 1/2
R Single Slotted 6 mm D
16,19,22,50
R
T Single Slotted 4 mm D
10, 13, 22
U
V Dual Concentric Plain 6 mm D - 3 mm D
30, 42
R
Outer Operates Section 1
ELEMENT TYPE
RESISTANCE CODE
TAPER/TOLERANCE
VALUE IN OHMS
JK
(J) Linear Wirewound
(06) - 200
(10) -1 K
10-Turn ±5 %
(08) - 500
(11) - 2 K
(K) Linear Hybritron
®
(10) - 1 K
(13) - 5 K
Elements 10-Turn ±10 %
(11) - 2 K
(15) - 10 K
(13) - 5 K
(16) - 20 K
(15) - 10 K
(18) - 50 K
(16) - 20 K
(20) - 100 K
(18) - 50 K
(20) - 100 K
SHAFT
AVAILABLE
LENGTH
ONLY IN
(FMS)
BUSHING
Code Description
Code
12
3/8 ”L
C, N, J
16
1/2 ”L
A, C, J, N
20
5/8 ”L
A, B, C, E, J, N
24
3/4 ”L
A, B, C, E, J, N
28
7/8 ”L
A, B, C, E, J, N
32
1 ”L
A, B, C, E, J, N
36
1-1/8 ”L
A, B, C, E, J, N
40
1-1/4 ”L
A, B, C, E, J, N
METRIC
10
10 mmL
U
13
13 mmL
U
16
16 mmL
R
19
19 mmL
R
22
22 mmL
R, U
30
30 mmL
R
42
42 mmL
R
50
50 mmL
R
Boldface features are Bourns standard options.
All others are available with higher minimum order
quantities.
BUSHING
A Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.65 mm) L
B Locking 3/8 ” (9.65 mm) D x 1/2 ” (12.7 mm) L
C Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L
E Locking 1/4 ” (6.35 mm) D x 1/2 ” (12.7 mm) L
J Plain 3/8 ” (9.65 mm) D x 1/4 ” (6.35 mm) L
N Plain 1/4 ” (6.35 mm) D x 3/8 ” (9.65 mm) L
R Plain 10 mm D x 9 mm L
U Plain 7 mm D x 6 mm L
MODEL
83 10-Turn, PC Pins
84 10-Turn, Solder Lugs
83/84 - 5/8 ” Square 10-Turn
How to Order
REV. 08/11/06
83
A
1
A
-
B
28
-
J
15
L
RoHS IDENTIFIER
L
Compliant
Blank Non-Compliant


Similar Part No. - 83C2C-C12-K10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83C2C-C12-J15L BOURNS-83C2C-C12-J15L Datasheet
315Kb / 4P
   Square 10-Turn
More results

Similar Description - 83C2C-C12-K10

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
83A1A-B28-J15L BOURNS-83A1A-B28-J15L_12 Datasheet
315Kb / 4P
   Square 10-Turn
logo
Vishay Siliconix
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
   3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
01-Jan-2022
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
   3/8 Square (10 mm) Multi-Turn Cermet Trimmer
Revision: 04-Sep-07
logo
Bourns Electronic Solut...
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91A1A-B28-B17L BOURNS-91A1A-B28-B17L Datasheet
218Kb / 5P
   91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
155Kb / 3P
   3/8 Square Multi-Turn Cermet Trimmers
05-Aug-04
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com