Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAFJA54M2VC0Z00R03 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SAFJA54M2VC0Z00R03
Description  Traps for TV/VCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SAFJA54M2VC0Z00R03 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SAFJA54M2VC0Z00R03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SAFJA54M2VC0Z00R03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SAFJA54M2VC0Z00R03 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SAFJA54M2VC0Z00R03 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Filters for Audio Visual Equipment
10
BGS Filters
:
Marking :
Vendor's Code
: EIAJ Monthly code
F25.0CA
Width
Thickness
Height
Length of Terminal
W
T
H
L
: 7.0/max.
: 5.0/max.
: 8.0/max.
: 5.0
±1.0
W
0.5
±0.1
1.3
±0.1
2.5
±0.2
2.5
±0.2
in mm
Part Number
Center Frequency(fo)
(MHz)
3dB Bandwidth
(kHz)
Insertion Loss
(dB)
Spurious Attenuation
(dB)
Input/Output Impedance
(ohm)
MKFGA25M0HA0P00B05
25
±60kHz
within220
±50kHz
5 max.
30 min.
50
Area of Spurious Attenuation: [Range : 23MHz to (fo-400kHz)]
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - SAFJA54M2VC0Z00R03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SAFJA35M4WC0Z00R03 MURATA1-SAFJA35M4WC0Z00R03 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
SAFJA40M0WQAZ00R10 MURATA1-SAFJA40M0WQAZ00R10 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
SAFJA43M0WC0Z00R03 MURATA1-SAFJA43M0WC0Z00R03 Datasheet
66Kb / 2P
   SAW Filters for Mobile Communications
May.28,2012
SAFJA43M0WC0Z00R03 MURATA1-SAFJA43M0WC0Z00R03 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
More results

Similar Description - SAFJA54M2VC0Z00R03

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
logo
Texas Instruments
SN761678 TI1-SN761678 Datasheet
331Kb / 20P
[Old version datasheet]   TV/VCR TUNER
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
   AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Texas Instruments
SN761678 TI1-SN761678_14 Datasheet
334Kb / 21P
[Old version datasheet]   TV/VCR TUNER
logo
Sanyo Semicon Device
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
   Video Switch for TV/VCR Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com