Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLFA064SURCK12V Datasheet(PDF) 2 Page - Kingbright Corporation

Part # BLFA064SURCK12V
Description  6mm FLANGE BASED LED LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

BLFA064SURCK12V Datasheet(HTML) 2 Page - Kingbright Corporation

  BLFA064SURCK12V Datasheet HTML 1Page - Kingbright Corporation BLFA064SURCK12V Datasheet HTML 2Page - Kingbright Corporation BLFA064SURCK12V Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAD1601
REV NO: V.1
DATE: APR/08/2003
PAGE: 2 OF 3
APPROVED : J. Lu
CHECKED : Allen Liu
DRAWN: F.Y.YUAN
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Selection Guide
Electrical / Optical Characteristics at TA=25
°°°°°C
Absolute Maximum Ratings at TA=25
°°°°°C
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
d
e
R
r
e
p
y
Hd
e
R
r
e
p
y
H
d
e
R
r
e
p
y
H
d
e
R
r
e
p
y
Hd
e
R
r
e
p
y
Hs
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
U
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
0
4
1W
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
4
1V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
5V
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
O
0
4
-
°
0
7
+
o
T
C
°C
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
4
-
°
5
8
+
o
T
C
°C
l
o
b
m
y
Sl
o
b
m
y
S
l
o
b
m
y
S
l
o
b
m
y
Sl
o
b
m
y
Sr
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
Pe
c
i
v
e
De
c
i
v
e
D
e
c
i
v
e
D
e
c
i
v
e
De
c
i
v
e
D.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T.
x
a
M.
x
a
M
.
x
a
M
.
x
a
M.
x
a
Ms
t
i
n
Us
t
i
n
U
s
t
i
n
U
s
t
i
n
Us
t
i
n
Us
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
T
s
n
o
i
t
i
d
n
o
C
t
s
e
Ts
n
o
i
t
i
d
n
o
C
t
s
e
T
λ
k
a
e
p
h
t
g
n
e
l
e
v
a
W
k
a
e
Pd
e
R
r
e
p
y
H0
5
6m
nV F
V
2
1
=
λ D
h
t
g
n
e
l
e
v
a
W
e
t
a
n
i
m
o
Dd
e
R
r
e
p
y
H5
3
6m
nV F
V
2
1
=
λ
2
/
1
h
t
d
i
w
-
f
l
a
H
e
n
i
L
l
a
r
t
c
e
p
Sd
e
R
r
e
p
y
H8
2m
nV F
V
2
1
=
Ce
c
n
a
t
i
c
a
p
a
Cd
e
R
r
e
p
y
H5
3F
pV F
z
H
M
1
=
f
;
V
0
=
I F
t
n
e
r
r
u
C
d
r
a
w
r
o
Fd
e
R
r
e
p
y
H0
1A
mV F
V
2
1
=
I R
t
n
e
r
r
u
C
e
s
r
e
v
e
Rd
e
R
r
e
p
y
H0
1A
uV R
V
5
=
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
V
2
1
=
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T2
2
2
2
2
2
/
1
θ2
/
1
θ 2
/
1
θ 2
/
1
θ2
/
1
θ
V
2
1
K
C
R
U
S
4
6
0
A
F
L
B
)
P
l
A
a
G
n
I
(
D
E
R
R
E
P
Y
HR
A
E
L
C
R
E
T
A
W0
5
60
0
1
10
1
1
°


Similar Part No. - BLFA064SURCK12V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLFA064SURCK-6V KINGBRIGHT-BLFA064SURCK-6V Datasheet
63Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064SURCK28V KINGBRIGHT-BLFA064SURCK28V Datasheet
64Kb / 3P
   6mm FLANGE BASED LED LAMP
More results

Similar Description - BLFA064SURCK12V

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BLFA064MGCK-28V KINGBRIGHT-BLFA064MGCK-28V Datasheet
63Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064SECK-6V KINGBRIGHT-BLFA064SECK-6V Datasheet
63Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064SECK-28V KINGBRIGHT-BLFA064SECK-28V Datasheet
64Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064SYCK-6V KINGBRIGHT-BLFA064SYCK-6V Datasheet
63Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064SYCK-28V KINGBRIGHT-BLFA064SYCK-28V Datasheet
64Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064SECK KINGBRIGHT-BLFA064SECK Datasheet
88Kb / 2P
   6mm FLANGE BASED LED LAMP
BLFA064SECK-12V KINGBRIGHT-BLFA064SECK-12V Datasheet
63Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064MGCK-6V KINGBRIGHT-BLFA064MGCK-6V Datasheet
63Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064SURCK28V KINGBRIGHT-BLFA064SURCK28V Datasheet
64Kb / 3P
   6mm FLANGE BASED LED LAMP
BLFA064MGCK-12V KINGBRIGHT-BLFA064MGCK-12V Datasheet
63Kb / 3P
   6mm FLANGE BASED LED LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com