Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIM5359-45SL Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TIM5359-45SL
Description  MICROWAVE SEMICONDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TIM5359-45SL Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TIM5359-45SL Datasheet HTML 1Page - Toshiba Semiconductor TIM5359-45SL Datasheet HTML 2Page - Toshiba Semiconductor TIM5359-45SL Datasheet HTML 3Page - Toshiba Semiconductor TIM5359-45SL Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
TIM5359-45SL
Power Dissipation(PT) vs. Case Temperature(Tc)
Tc(
°C )
IM3 vs. Output Power Characteristics
VDS=10V
IDS
≅9.6A
freq.=5.9GHz
Δf=5MHz
Pout(dBm) @Single carrier level
130
110
0
90
70
50
30
40
80
120
160
200
30
-10
-20
-30
-40
-50
-60
32
34
36
38
40


Similar Part No. - TIM5359-45SL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM5359-4 TOSHIBA-TIM5359-4 Datasheet
160Kb / 5P
   POWER GAAS FET
TIM5359-4SL TOSHIBA-TIM5359-4SL Datasheet
192Kb / 4P
   MICROWAVE POWER GaAs FET
TIM5359-4UL TOSHIBA-TIM5359-4UL Datasheet
216Kb / 4P
   MICROWAVE POWER GaAs FET
More results

Similar Description - TIM5359-45SL

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPM2626-14 TOSHIBA-TPM2626-14 Datasheet
165Kb / 5P
   MICROWAVE SEMICONDUCTOR
TIM0910-5 TOSHIBA-TIM0910-5 Datasheet
358Kb / 4P
   MICROWAVE SEMICONDUCTOR TECHNICAL DATA
logo
Siemens Semiconductor G...
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY280 SIEMENS-BFY280 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY183 SIEMENS-BFY183 Datasheet
122Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
BFY182 SIEMENS-BFY182 Datasheet
121Kb / 5P
   HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com