Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VC338APZQ Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS470R1VC338APZQ
Description  16/32-BIT RISC ROM MICROCONTROLLERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VC338APZQ Datasheet(HTML) 4 Page - Texas Instruments

  TMS470R1VC338APZQ Datasheet HTML 1Page - Texas Instruments TMS470R1VC338APZQ Datasheet HTML 2Page - Texas Instruments TMS470R1VC338APZQ Datasheet HTML 3Page - Texas Instruments TMS470R1VC338APZQ Datasheet HTML 4Page - Texas Instruments TMS470R1VC338APZQ Datasheet HTML 5Page - Texas Instruments TMS470R1VC338APZQ Datasheet HTML 6Page - Texas Instruments TMS470R1VC338APZQ Datasheet HTML 7Page - Texas Instruments TMS470R1VC338APZQ Datasheet HTML 8Page - Texas Instruments TMS470R1VC338APZQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
TMS470R1VC338, TMS470R1VC348, TMS470R1VC3382, TMS470R1VC3482
16/32-BIT RISC ROM MICROCONTROLLERS
SPNS085C – JULY 2003 – REVISED JANUARY 2006
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
description
The TMS470R1VC338, TMS470R1VC348, TMS470R1VC3382, and TMS470R1VC3482devices are mem-
bers of the Texas Instruments TMS470R1x family of general-purpose16/32-bit reduced instruction set computer
(RISC) microcontrollers. The VC3x8x microcontroller offers high performance utilizing the high-speed
ARM7TDMI 16/32-bit RISC central processing unit (CPU), resulting in a high instruction throughput while
maintaining greater code efficiency. The ARM7TDMI 16/32-bit RISC CPU views memory as a linear collection
of bytes numbered upwards from zero. The TMS470R1VC3x8x utilizes the big-endian format where the most
significant byte of a word is stored at the lowest numbered byte and the least significant byte at the highest
numbered byte.
High-end embedded control applications demand more performance from their controllers while maintaining
low costs. The VC3x8x RISC core architecture offers solutions to these performance and cost demands while
maintaining low power consumption.
The VC338/VC348/VC3382/VC3482 device contains the following:
ARM7TDMI 16/32-Bit RISC CPU
TMS470R1x system module (SYS) with 470+ enhancements
256K-byte ROM
10K-byte SRAM (VC3x8)
12K-byte SRAM (VC3x82)
Zero-pin phase-locked loop (ZPLL) clock module
Analog watchdog (AWD) timer
Real-time interrupt (RTI) module
Two serial peripheral interface (SPI) modules
Two serial communications interface (SCI) modules
Standard CAN controller (SCC)
Class II serial interface (C2SIb)
10-bit multi-buffered analog-to-digital converter (MibADC), 12-input channels (VC338x), 16-input channels
(VC348x)
High-end timer (HET) controlling 27 I/Os (VC338x), controlling 16 I/Os (VC348x)
External Clock Prescale (ECP)
Up to 53 I/O pins and 1 input-only pin (VC338x), up to 49 I/O pins and 1 input-only pin (VC348x)
The functions performed by the 470+ system module (SYS) include: address decoding; memory protection;
memory and peripherals bus supervision; reset and abort exception management; prioritization for all internal
interrupt sources; device clock control; and parallel signature analysis (PSA). This data sheet includes device-
specific information such as memory and peripheral select assignment, interrupt priority, and a device memory
map. For a more detailed functional description of the SYS module, see the TMS470R1x System Module
Reference Guide (literature number SPNU189).
The VC3x8x memory includes general-purpose SRAM supporting single-cycle read/write accesses in byte,
half-word, and word modes.
The ROM memory on this device is programmable read-only memory that is masked at the time of device
fabrication. The ROM operates with a system clock frequency of up to 24 MHz. In pipeline mode, the ROM
operates with a system clock frequency of up to 48MHz. For more detailed information on the ROM Pipeline
Wrapper, see the TMS470R1x ROM Pipeline Wrapper (RPW) Reference Guide (literature number SPNU009).
† Throughout the remainder of this document, the TMS470R1VC338, TMSVC348, TMS470R1VC3382 and TMS470R1VC3482 device names,
where generic, shall be referred to as TMS470R1VC3x8x or VC3x8x; where applicable to only the 10K SRAM devices, VC3x8; where applicable
to only the 12K SRAM devices, VC3x82; where applicable to only VC338 and VC3382 as VC338x; where applicable to only VC348 and VC3482
as VC348x;and, where unique, shall be referred to as either their full device name or VC338 or VC348 or VC3382 or VC3482.


Similar Part No. - TMS470R1VC338APZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNA TI1-TMS470R1VC334APNA Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNQ TI1-TMS470R1VC334APNQ Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNT TI1-TMS470R1VC334APNT Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC336 TI1-TMS470R1VC336 Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC338APZQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
logo
NEC
V853 NEC-V853 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com