Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VC338APZ-T Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS470R1VC338APZ-T
Description  16/32-BIT RISC ROM MICROCONTROLLERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VC338APZ-T Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS470R1VC338APZ-T Datasheet HTML 4Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 5Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 6Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 7Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 8Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 9Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 10Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 11Page - Texas Instruments TMS470R1VC338APZ-T Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
TMS470R1VC338, TMS470R1VC348, TMS470R1VC3382, TMS470R1VC3482
16/32-BIT RISC ROM MICROCONTROLLERS
SPNS085C – JULY 2003 – REVISED JANUARY 2006
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions
† I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
¶ N/A on the VC348 device. For the VC338 device only, the HET[28] signal is only connected to the pad not to a package pin.
TERMINAL
TYPE†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
VC338X
VC348X
HIGH-END TIMER (HET)
HET[0]
88
91
3.3-V I/O
IPD
These devices have both the logic and registers for a full 32-I/O HET
implemented, even though not all 32 pins are available externally
Timer input capture or output compare. The HET[31:0] applicable pins
can be programmed as general-purpose input/output (GIO) pins.
HET[22:0] are high-resolution pins and HET[31:29, 24] are standard-
resolution pins for VC338x.
HET[21:18, 13:10, 8, 7, 6, 4, 2, 0] are high-resolution pins and HET[31,
24] are standard-resolution pins for VC348x.
The high-resolution (HR) SHARE feature allows even HR pins to share
the next higher odd HR pin structures. This HR sharing is independent of
whether or not the odd pin is available externally. If an odd pin is available
externally and shared, then the odd pin can only be used as a general-
purpose I/O. For more information on HR SHARE, see the TMS470R1x
High-End Timer (HET) Reference Guide (literature number SPNU199).
The HET[19] or HET[18] pins can also be used as a user-selectable event
source to "event trigger" the MibADC event group or group1 providing the
associated register source bits are properly configured and defined. For
the internal device connections, see the MibADC section of this data
sheet. And for more detailed functional information on the MibADC, see
the TMS470R1x Multi-Buffered Analog-to-Digital Converter (MibADC)
Reference Guide (literature number SPNU206).
HET[1]
89
HET[2]
95
97
HET[3]
96
HET[4]
97
98
HET[5]
98
HET[6]
99
99
HET[7]
100
100
HET[8]
55
55
HET[9]
56
HET[10]
20
20
HET[11]
19
19
HET[12]
18
18
HET[13]
17
17
HET[14]
16
HET[15]
15
HET[16]
14
HET[17]
13
HET[18]
49
49
HET[19]
48
48
HET[20]
47
47
HET[21]
46
46
HET[22]
45
HET[24]
35
35
HET[28]
HET[29]
32
HET[30]
33
HET[31]
34
34
STANDARD CAN CONTROLLER (SCC)
CANSRX
60
59
3.3-V I/O
SCC receive pin or GIO pin
CANSTX
61
60
3.3-V I/O
IPU
SCC transmit pin or GIO pin
CLASS II SERIAL INTERFACE (C2SIb)
C2SIbLPN
36
36
3.3-V I/O
IPD
C2SIb module loopback enable pin or GIO pin
C2SIbRX
38
38
3.3-V I/O
C2SIb module receive data input pin or GIO pin
C2SIbTX
37
37
3.3-V I/O
IPD
C2SIb module transmit data output pin or GIO pin


Similar Part No. - TMS470R1VC338APZ-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNA TI1-TMS470R1VC334APNA Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNQ TI1-TMS470R1VC334APNQ Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC334APNT TI1-TMS470R1VC334APNT Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC336 TI1-TMS470R1VC336 Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC338APZ-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC334A TI1-TMS470R1VC334A Datasheet
701Kb / 52P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF338 TI-TMS470R1VF338 Datasheet
912Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
logo
NEC
V853 NEC-V853 Datasheet
32Kb / 4P
   32-bit RISC Microcontrollers
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com