Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6911CTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6911CTR
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911CTR Datasheet(HTML) 1 Page - STMicroelectronics

  L6911CTR Datasheet HTML 1Page - STMicroelectronics L6911CTR Datasheet HTML 2Page - STMicroelectronics L6911CTR Datasheet HTML 3Page - STMicroelectronics L6911CTR Datasheet HTML 4Page - STMicroelectronics L6911CTR Datasheet HTML 5Page - STMicroelectronics L6911CTR Datasheet HTML 6Page - STMicroelectronics L6911CTR Datasheet HTML 7Page - STMicroelectronics L6911CTR Datasheet HTML 8Page - STMicroelectronics L6911CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
L6911C
November 2001
s
OPERATING SUPPLY IC VOLTAGE FROM 5V
TO 12V BUSES
s
UP TO 1.3A GATE CURRENT CAPABILITY
s
TTL-COMPATIBLE 5 BIT PROGRAMMABLE
OUTPUT COMPLIANT WITH VRM 8.4 :
1.3V TO 2.05V WITH 0.05V BINARY STEPS
2.1V TO 3.5V WITH 0.1V BINARY STEPS
s
VOLTAGE MODE PWM CONTROL
s
EXCELLENT OUTPUT ACCURACY: ±1%
OVER LINE AND TEMPERATURE
VARIATIONS
s
VERY FAST LOAD TRANSIENT RESPONSE:
FROM 0% TO 100% DUTY CYCLE
s
POWER GOOD OUTPUT VOLTAGE
s
OVERVOLTAGE PROTECTION AND
MONITOR
s
OVERCURRENT PROTECTION REALIZED
USING THE UPPER MOSFET'S RdsON
s
200KHz INTERNAL OSCILLATOR
s
OSCILLATOR EXTERNALLY ADJUSTABLE
FROM 50KHz TO 1MHz
s
SOFT START AND INHIBIT FUNCTIONS
APPLICATIONS
s
POWER SUPPLY FOR ADVANCED
MICROPROCESSOR CORE
s
DISTRIBUTED POWER SUPPLY
s
HIGH POWER DC-DC REGULATORS
DESCRIPTION
The device is a power supply controller specifically de-
signed to provide a high performance DC/DC conver-
sion for high current microprocessors. A precise 5-bit
digital to analog converter (DAC) allows adjusting the
output voltage from 1.30V to 2.05V with 50mV binary
steps and from 2.10V to 3.50V with 100mV binary steps.
The high precision internal reference assures the se-
lected output voltage to be within ±1%. The high peak
current gate drive affords to have fast switching to the
external power mos providing low switching losses.
The device assures a fast protection against load
overcurrent and load overvoltage. An external SCR is
triggered to crowbar the input supply in case of hard
over-voltage. An internal crowbar is also provided
turning on the low side mosfet as long as the over-
voltage is detected. In case of over-current detection,
the soft start capacitor is discharged and the system
works in HICCUP mode.
SO-20
ORDERING NUMBERS: L6911C
L6911CTR (Tape and Reel)
5 BIT PROGRAMMABLE STEP DOWN CONTROLLER
WITH SYNCHRONOUS RECTIFICATION
BLOCK DIAGRAM
PGND
PHASE
GND
VFB
LGATE
BOOT
UGATE
VCC
OCSET
Vcc 5 to 12V
Vin 5V to12V
Vo
1.300V to 3.500V
PGOOD
COMP
VSEN
SS
OVP
RT
VD0
VD1
VD2
VD3
VD4
MONITOR and
PROTECTION
OSC
D/A
E/A
PWM
+
-
-
+
D01IN1260


Similar Part No. - L6911CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911 STMICROELECTRONICS-L6911 Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
   5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
L6911D STMICROELECTRONICS-L6911D Datasheet
233Kb / 17P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911DTR STMICROELECTRONICS-L6911DTR Datasheet
233Kb / 17P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
More results

Similar Description - L6911CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6911E STMICROELECTRONICS-L6911E Datasheet
152Kb / 20P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911D STMICROELECTRONICS-L6911D Datasheet
233Kb / 17P
   5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6911E STMICROELECTRONICS-L6911E_07 Datasheet
482Kb / 34P
   5-Bit programmable step down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com