Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M222 Datasheet(PDF) 1 Page - Tyco Electronics

Part # M222
Description  Surface Mount Double-Balance Mixer, 200 KHz - 200 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

M222 Datasheet(HTML) 1 Page - Tyco Electronics

  M222 Datasheet HTML 1Page - Tyco Electronics M222 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Double-Balanced Mixer,
200 KHz - 200 MHz
MDS-222
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V4
1
Features
Fully Hermetic Package
Three Decade Coverage
Impedance: 50 Ohms Nominal
Maximum Input Power: 400 mW Max, Derated to
85°C @ 3.2 mW/°C
X Port Current: 50 mA Max.
MIL-STD-883 Screening Available
Description
Transformers convert the LO and RF paths to
balanced lines connecting to a medium barrier,
Schottky diode ring quad. These transformers help
provide
excellent
isolation
between
ports.
Conversion loss is low. The direct connection of the
IF port to the diode quad allows these mixers to be
used as phase detectors and bi-phase modulators.
SF-1
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
3
LO
2
IF
4
RF
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port
0.2 - 200
DC - 200
MHz
MHz
Conversion Loss
0.2 - 50 MHz
50 - 200 MHz
dB
dB
6.0
7.5
LO to RF
0.2 - 50 MHz
50 - 200 MHz
dB
dB
35
30
LO to IF
0.2 - 50 MHz
50 - 200 MHz
dB
dB
35
25
RF to IF
0.2 - 50 MHz
50 - 200 MHz
dB
dB
25
20
DC Polarity
Negative
RF Input
2
1 dB Compression
1 dB Desensitization
dBm
dBm
+2
0
SSB Noise Figure
Within 1 dB of Conversion Loss
Max
Typical Two-Tone IM
Ratio
with a –10 dBm input, each input,
25 MHz and 35 MHz IF
100 - 200 MHz
200 - 300 MHz
dB
dB
50
36
Isolation
DC Offset
mV
<3
1. All specifications apply when operated at +7 dBm available LO power with 50 ohm source and load impedance.
2. Measured at 100 MHz.


Similar Part No. - M222

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M222 SSOUSA-M222 Datasheet
136Kb / 4P
   1 Form B Solid State Relay
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
   Ultra miniature 4-pin small outline package
More results

Similar Description - M222

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
   Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
logo
Tyco Electronics
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
   Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
M223 MACOM-M223 Datasheet
122Kb / 2P
   Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
EMRS-30 MACOM-EMRS-30 Datasheet
76Kb / 1P
   E-Series Surface Mount Mixer 200 - 3000 MHz
logo
Micronetics, Inc.
SMN7106-D1C MICRONETICS-SMN7106-D1C Datasheet
296Kb / 3P
   Surface Mount Noise Sources 200 kHz to 12 MHz
NC501SM-28 MICRONETICS-NC501SM-28 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 500 MHz
NC501SM-15 MICRONETICS-NC501SM-15 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 500 MHz
NC501SM-12 MICRONETICS-NC501SM-12 Datasheet
263Kb / 2P
   Surface Mount Noise Sources 200 kHz to 500 MHz
logo
M/A-COM Technology Solu...
MAC-50 MA-COM-MAC-50 Datasheet
61Kb / 3P
   TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
logo
Tyco Electronics
MAC-50 MACOM-MAC-50 Datasheet
121Kb / 3P
   TO-5 Double-Balanced Mixer, 0.2 - 200 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com