Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WP56BID Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP56BID
Description  T-1 3/4(5mm) BLINKING LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP56BID Datasheet(HTML) 3 Page - Kingbright Corporation

  WP56BID Datasheet HTML 1Page - Kingbright Corporation WP56BID Datasheet HTML 2Page - Kingbright Corporation WP56BID Datasheet HTML 3Page - Kingbright Corporation WP56BID Datasheet HTML 4Page - Kingbright Corporation WP56BID Datasheet HTML 5Page - Kingbright Corporation WP56BID Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: DSAE9871
REV NO: V.2
DATE: MAY/18/2007
PAGE: 3 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101009279
High Efficiency Red
WP56BID


Similar Part No. - WP56BID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP56BGD KINGBRIGHT-WP56BGD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BHD KINGBRIGHT-WP56BHD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BSRD-B KINGBRIGHT-WP56BSRD-B Datasheet
389Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BSRD/B KINGBRIGHT-WP56BSRD/B Datasheet
389Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BYD KINGBRIGHT-WP56BYD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
More results

Similar Description - WP56BID

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-56BID KINGBRIGHT-L-56BID Datasheet
45Kb / 3P
   T-1 3/4 (5mm) BLINKING LED LAMP
WP56BHD KINGBRIGHT-WP56BHD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BGD KINGBRIGHT-WP56BGD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
logo
SunLED Corporation
BUG53D SUNLED-BUG53D Datasheet
176Kb / 4P
   T-1 3/4 (5mm) BLINKING LED LAMP
BUR53D SUNLED-BUR53D Datasheet
176Kb / 4P
   T-1 3/4 (5mm) BLINKING LED LAMP
BMR53D SUNLED-BMR53D Datasheet
176Kb / 4P
   T-1 3/4 (5mm) BLINKING LED LAMP
logo
Kingbright Corporation
WP56BYD KINGBRIGHT-WP56BYD Datasheet
390Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
WP56BSRD-B KINGBRIGHT-WP56BSRD-B Datasheet
389Kb / 6P
   T-1 3/4(5mm) BLINKING LED LAMP
logo
SunLED Corporation
BUY53D SUNLED-BUY53D Datasheet
176Kb / 4P
   T-1 3/4 (5mm) BLINKING LED LAMP
logo
Kingbright Corporation
L-56BHD KINGBRIGHT-L-56BHD Datasheet
129Kb / 5P
   T-1 3/4 (5mm) BLINKING LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com