Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93C76A Datasheet(PDF) 6 Page - Microchip Technology

Part # 93C76A
Description  8K Microwire Compatible Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C76A Datasheet(HTML) 6 Page - Microchip Technology

Back Button 93C76A Datasheet HTML 2Page - Microchip Technology 93C76A Datasheet HTML 3Page - Microchip Technology 93C76A Datasheet HTML 4Page - Microchip Technology 93C76A Datasheet HTML 5Page - Microchip Technology 93C76A Datasheet HTML 6Page - Microchip Technology 93C76A Datasheet HTML 7Page - Microchip Technology 93C76A Datasheet HTML 8Page - Microchip Technology 93C76A Datasheet HTML 9Page - Microchip Technology 93C76A Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
93AA76A/B/C, 93LC76A/B/C, 93C76A/B/C
DS21796D-page 6
 2004 Microchip Technology Inc.
2.4
ERASE
The ERASE instruction forces all data bits of the
specified address to the logical ‘1’ state. The rising
edge of CLK before the last address bit initiates the
write cycle.
The DO pin indicates the READY/BUSY status of the
device if CS is brought high after a minimum of 250 ns
low (TCSL). DO at logical ‘0’ indicates that programming
is still in progress. DO at logical ‘1’ indicates that the
register at the specified address has been erased and
the device is ready for another instruction.
Note:
Issuing a Start bit and then taking CS low
will clear the READY/BUSY status from
DO.
FIGURE 2-1:
ERASE TIMING
CS
CLK
DI
DO
TCSL
CHECK STATUS
1
1
1AN
AN-1
AN-2
•••
A0
TSV
TCZ
BUSY
READY
HIGH-Z
TWC
HIGH-Z


Similar Part No. - 93C76A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93C76A MICROCHIP-93C76A Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93C76A MICROCHIP-93C76A Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93C76A-E/CH MICROCHIP-93C76A-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C76A-E/MC MICROCHIP-93C76A-E/MC Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
93C76A-E/MC MICROCHIP-93C76A-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93C76A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93AA76A MICROCHIP-93AA76A_06 Datasheet
498Kb / 28P
   8K Microwire Compatible Serial EEPROM
2006
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
   8K-Bit Microwire Serial EEPROM
CAT93C76 CATALYST-CAT93C76_07 Datasheet
230Kb / 13P
   8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
   8K/16K 5.0V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
   8K/16K 1.8V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com