Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NREHL123M6.3V5X115X11F Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NREHL123M6.3V5X115X11F
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREHL123M6.3V5X115X11F Datasheet(HTML) 5 Page - NIC-Components Corp.

  NREHL123M6.3V5X115X11F Datasheet HTML 1Page - NIC-Components Corp. NREHL123M6.3V5X115X11F Datasheet HTML 2Page - NIC-Components Corp. NREHL123M6.3V5X115X11F Datasheet HTML 3Page - NIC-Components Corp. NREHL123M6.3V5X115X11F Datasheet HTML 4Page - NIC-Components Corp. NREHL123M6.3V5X115X11F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
100
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
W.V.
(Vdc)
Cap.
(
µF)
Code
Case Size
D
φ x L(mm)
Lead
Space
(mm)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
100KHz/20°C 100KHz/-10°C
63V
15
150
5 x 11
2.0
1.8
7.3
62
33
330
6.3 x 11
2.5
1.0
4.1
126
56
560
8 x 11.5
3.5
0.50
2.2
260
82
820
8 x 16
3.5
0.36
1.7
335
82
820
10 x 12.5
5.0
0.34
1.4
325
120
121
8 x 20
3.5
0.26
1.3
408
120
121
10 x 16
5.0
0.25
1.2
400
180
181
10 x 20
5.0
0.17
0.76
518
180
181
12.5 x 16
5.0
0.18
0.86
527
220
221
10 x 23
5.0
0.16
0.67
595
270
271
10 x 28
5.0
0.12
0.57
740
270
271
12.5 x 20
5.0
0.13
0.52
765
270
271
16 x 16
7.5
0.11
0.52
895
330
331
12.5 x 25
5.0
0.096
0.36
875
390
391
18 x 16
7.5
0.096
0.40
1030
470
471
12.5 x 30
5.0
0.080
0.34
1010
470
471
16 x 20
7.5
0.077
0.32
1130
560
561
12.5 x 35
5.0
0.070
0.30
1140
560
561
16 x 25
5.0
0.062
0.23
1350
680
681
12.5 x 40
7.5
0.060
0.25
1280
680
681
18 x 20
7.5
0.072
0.27
1300
820
821
16 x 31.5
7.5
0.049
0.18
1650
820
821
18 x 25
7.5
0.052
0.19
1560
1000
102
16 x 35.5
7.5
0.040
0.15
1900
1000
102
18 x 31.5
7.5
0.042
0.15
1720
1200
122
16 x 40
7.5
0.036
0.13
2130
1200
122
18 x 35.5
7.5
0.036
0.13
1890
1500
152
18 x 40
7.5
0.032
0.12
2470
100V
6.8
6R8
5 x 11
2.0
1.8
7.3
62
15
150
6.3 x 11
2.5
1.0
4.1
126
27
270
8 x 11.5
3.5
0.50
2.2
260
39
390
8 x 16
3.5
0.36
1.7
335
47
470
10 x 12.5
5.0
0.34
1.4
325
56
560
8 x 20
3.5
0.26
1.3
408
68
680
10 x 16
5.0
0.25
1.2
400
82
820
10 x 20
5.0
0.17
0.76
518
82
820
12.5 x 16
5.0
0.18
0.86
527
100
101
10 x 23
5.0
0.16
0.67
595
120
121
10 x 28
5.0
0.12
0.57
740
120
121
12.5 x 20
5.0
0.13
0.52
765
150
151
16 x 16
7.5
0.11
0.52
895
180
181
12.5 x 25
5.0
0.096
0.36
875
180
181
18 x 16
7.5
0.096
0.40
1030
220
221
12.5 x 30
5.0
0.080
0.34
1010
220
221
16 x 20
5.0
0.077
0.32
1130
270
271
12.5 x 35
5.0
0.070
0.30
1140
270
271
16 x 25
5.0
0.062
0.23
1350
330
331
12.5 x 40
7.5
0.060
0.25
1280
330
331
18 x 20
7.5
0.072
0.27
1300
390
391
16 x 31.5
7.5
0.049
0.18
1650
390
391
18 x 25
7.5
0.052
0.19
1560
470
471
16 x 35.5
7.5
0.040
0.15
1900
470
471
18 x 31.5
7.5
0.042
0.15
1720
560
561
16 x 40
7.5
0.036
0.13
2130
680
681
18 x 35.5
7.5
0.036
0.13
1890
820
821
18 x 40
7.5
0.032
0.12
2470
Aluminum Electrolytic Capacitors
NRE-HL Series
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS


Similar Part No. - NREHL123M6.3V5X115X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREHL NIC-NREHL Datasheet
98Kb / 5P
   Aluminum Electrolytic Capacitors
NREHL NIC-NREHL_14 Datasheet
98Kb / 5P
   Aluminum Electrolytic Capacitors
More results

Similar Description - NREHL123M6.3V5X115X11F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com