Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5441 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5441
Description  12-Bit Serial Input Multiplying DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5441 Datasheet(HTML) 5 Page - Analog Devices

  AD5441 Datasheet HTML 1Page - Analog Devices AD5441 Datasheet HTML 2Page - Analog Devices AD5441 Datasheet HTML 3Page - Analog Devices AD5441 Datasheet HTML 4Page - Analog Devices AD5441 Datasheet HTML 5Page - Analog Devices AD5441 Datasheet HTML 6Page - Analog Devices AD5441 Datasheet HTML 7Page - Analog Devices AD5441 Datasheet HTML 8Page - Analog Devices AD5441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
AD5441
Rev. PrA | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
VREF
2
RFB
3
IOUT
4
GND
8VDD
7CLK
5SRI
5LD
AD5441
TOP VIEW
(Not to Scale)
Figure 3. 8-LeadLFCSP Pin Configuration
AD5441
TOP VIEW
(Not to Scale)
VREF 1
RFB 2
IOUT 3
GND 4
VDD
CLK
SRI
LD
8
7
6
5
Figure 4. 8-Lead MSOP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Descriptions
1
VREF
DAC Reference Input Pin. Establishes DAC full-scale voltage. Constant input resistance vs. code.
2
RFB
Internal Matching Feedback Resistor. Connect to external op amp output.
3
IOUT
DAC Current Output, full-scale output 1 LSB less than reference input voltage −VREF.
4
GND
Analog and Digital Ground.
5
LD
Load Strobe, Level-Sensitive Digital Input. Transfers shift-register data to DAC register while active low.
See Table 4 for operation.
6
SRI
12-Bit Serial Register Input, data loads directly into the shift register MSB first. Extra leading bits are ignored.
7
CLK
Clock Input, positive-edge clocks data into shift register.
8
VDD
Positive Power Supply Input. Specified range of operation 5 V ± 10%.


Similar Part No. - AD5441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD544 AD-AD544 Datasheet
374Kb / 12P
   High Performance, BiFET Operational Amplifiers
REV. B
AD5440 AD-AD5440 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5440 AD-AD5440 Datasheet
717Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Parallel Interface
REV. C
AD5440 AD-AD5440 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5440 AD-AD5440 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
More results

Similar Description - AD5441

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX514 MAXIM-MAX514 Datasheet
384Kb / 8P
   CMOS Quad, 12-Bit, Serial-Input Multiplying DAC
Rev 1; 2/97
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
LTC1590 LINER-LTC1590 Datasheet
288Kb / 12P
   Dual Serial 12-Bit Multiplying DAC
logo
Maxim Integrated Produc...
MAX543 MAXIM-MAX543 Datasheet
441Kb / 12P
   CMOS, 12-Bit, Seral-Input Multiplying DAC
Rev 1; 10/92
logo
Analog Devices
AD7543 AD-AD7543_15 Datasheet
563Kb / 8P
   Serial Input 12 Bit DAC
REV. B
logo
Linear Technology
LTC8043 LINER-LTC8043_15 Datasheet
173Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
LTC8043 LINER-LTC8043 Datasheet
175Kb / 4P
   Serial 12-Bit Multiplying DAC in SO-8
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com