Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NREHL103M6.3V6.3X115X11F Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NREHL103M6.3V6.3X115X11F
Description  Aluminum Electrolytic Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NREHL103M6.3V6.3X115X11F Datasheet(HTML) 4 Page - NIC-Components Corp.

  NREHL103M6.3V6.3X115X11F Datasheet HTML 1Page - NIC-Components Corp. NREHL103M6.3V6.3X115X11F Datasheet HTML 2Page - NIC-Components Corp. NREHL103M6.3V6.3X115X11F Datasheet HTML 3Page - NIC-Components Corp. NREHL103M6.3V6.3X115X11F Datasheet HTML 4Page - NIC-Components Corp. NREHL103M6.3V6.3X115X11F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
98
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
99
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
W.V.
(Vdc)
Cap.
(
µF)
Code
Case Size
D
φ x L(mm)
Lead
Space
(mm)
Max. Impedance
Max. Ripple Current at
100KHz/105°C
(mA rms)
100KHz/20°C 100KHz/-10°C
35V
33
330
5 x 11
2.0
0.58
2.3
210
56
560
6.3 x 11
2.5
0.22
0.87
340
150
151
8 x 11.5
3.5
0.13
0.52
640
220
221
8 x 16
3.5
0.87
0.35
840
220
221
10 x 12.5
5.0
0.080
0.32
865
270
271
8 x 20
3.5
0.069
0.27
1050
330
331
10 x 16
5.0
0.060
0.24
1210
470
471
10 x 20
5.0
0.046
0.18
1400
470
471
12.5 x 16
5.0
0.049
0.16
1450
560
561
10 x 23
5.0
0.042
0.17
1650
680
681
10 x 28
5.0
0.031
0.12
1910
680
681
12.5 x 20
5.0
0.035
0.12
1900
680
681
16 x 16
7.5
0.042
0.12
1940
1000
102
12.5 x 25
5.0
0.027
0.12
2230
1000
102
18 x 16
7.5
0.043
0.11
2210
1200
122
12.5 x 30
5.0
0.024
0.078
2650
1200
122
16 x 20
7.5
0.027
0.078
2530
1500
152
12.5 x 35
5.0
0.020
0.065
2880
1800
182
12.5 x 40
5.0
0.017
0.056
3350
1800
182
16 x 25
7.5
0.021
0.060
2930
1800
182
18 x 20
7.5
0.026
0.067
2860
2200
222
16 x 31.5
7.5
0.017
0.050
3450
2200
222
18 x 25
7.5
0.019
0.049
3140
2700
272
16 x 35.5
7.5
0.015
0.044
3610
2700
272
18 x 31.5
7.5
0.015
0.040
4170
3300
332
16 x 40
7.5
0.013
0.038
4080
3300
332
18 x 35.5
7.5
0.014
0.038
4220
3900
392
18 x 40
7.5
0.012
0.032
4280
50V
22
220
5 x 11
2.0
0.70
2.8
180
56
560
6.3 x 11
2.5
0.30
1.2
295
100
101
8 x 11.5
3.5
0.17
0.68
555
120
121
8 x 16
3.5
0.12
0.48
730
150
151
10 x 12.5
5.0
0.12
0.48
760
180
181
8 x 20
3.5
0.091
0.36
910
220
221
10 x 16
5.0
0.084
0.34
1050
270
271
10 x 20
5.0
0.060
0.24
1220
270
271
12.5 x 16
5.0
0.061
0.20
1260
330
331
10 x 23
5.0
0.055
0.22
1440
470
471
10 x 28
5.0
0.043
0.17
1690
470
471
12.5 x 20
5.0
0.045
0.15
1660
470
471
16 x 16
7.5
0.055
0.17
1690
560
561
12.5 x 25
5.0
0.034
0.11
1950
560
561
18 x 16
7.5
0.054
0.15
1930
680
681
12.5 x 30
5.0
0.030
0.10
2310
820
821
12.5 x 35
5.0
0.025
0.083
2510
820
821
16 x 20
5.0
0.034
0.10
2210
1000
102
12.5 x 40
5.0
0.021
0.069
2920
1000
102
16 x 25
7.5
0.025
0.075
2555
1000
102
18 x 20
7.5
0.036
0.097
2490
1200
122
16 x 31.5
7.5
0.022
0.066
3010
1200
122
18 x 25
7.5
0.026
0.070
2740
1500
152
16 x 35.5
7.5
0.019
0.057
3150
1800
182
16 x 40
7.5
0.016
0.048
3710
1800
182
18 x 31.5
7.5
0.021
0.057
3635
2200
222
18 x 35.5
7.5
0.017
0.046
3680
2700
272
18 x 40
7.5
0.014
0.038
3800
Aluminum Electrolytic Capacitors
NRE-HL Series
STANDARD PRODUCTS, CASE SIZES AND SPECIFICATIONS


Similar Part No. - NREHL103M6.3V6.3X115X11F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NREHL NIC-NREHL Datasheet
98Kb / 5P
   Aluminum Electrolytic Capacitors
NREHL NIC-NREHL_14 Datasheet
98Kb / 5P
   Aluminum Electrolytic Capacitors
More results

Similar Description - NREHL103M6.3V6.3X115X11F

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com