Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHX15N06E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHX15N06E
Description  PowerMOS transistor Isolated version of PHP20N06E
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX15N06E Datasheet(HTML) 1 Page - NXP Semiconductors

  PHX15N06E Datasheet HTML 1Page - NXP Semiconductors PHX15N06E Datasheet HTML 2Page - NXP Semiconductors PHX15N06E Datasheet HTML 3Page - NXP Semiconductors PHX15N06E Datasheet HTML 4Page - NXP Semiconductors PHX15N06E Datasheet HTML 5Page - NXP Semiconductors PHX15N06E Datasheet HTML 6Page - NXP Semiconductors PHX15N06E Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
PHX15N06E
Isolated version of PHP20N06E
GENERAL DESCRIPTION
QUICK REFERENCE DATA
N-channel enhancement mode
SYMBOL
PARAMETER
MAX.
UNIT
field-effect power transistor in a
plastic full-pack envelope. The
V
DS
Drain-source voltage
60
V
device is intended for use in
I
D
Drain current (DC)
13
A
Switched Mode Power Supplies
P
tot
Total power dissipation
25
W
(SMPS), motor control, welding,
R
DS(ON)
Drain-source on-state
0.08
DC/DC and AC/DC converters, and
resistance
in automotive and general purpose
switching applications.
PINNING - SOT186A
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
gate
2
drain
3
source
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
DS
Drain-source voltage
-
-
60
V
V
DGR
Drain-gate voltage
R
GS = 20 kΩ
-60
V
±V
GS
Gate-source voltage
-
-
30
V
I
D
Drain current (DC)
T
hs =
25 ˚C
-
13
A
I
D
Drain current (DC)
T
hs = 100 ˚C
-
8.2
A
I
DM
Drain current (pulse peak value)
T
hs =
25 ˚C
-
52
A
P
tot
Total power dissipation
T
hs =
25 ˚C
-
25
W
T
stg
Storage temperature
-
- 55
150
˚C
T
j
Junction temperature
-
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-hs
Thermal resistance junction to
with heatsink compound
-
-
5
K/W
heatsink
R
th j-a
Thermal resistance junction to
-
55
-
K/W
ambient
12 3
case
d
g
s
November 1996
1
Rev 1.000


Similar Part No. - PHX15N06E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX14NQ20T PHILIPS-PHX14NQ20T Datasheet
68Kb / 9P
   N-channel TrenchMOS transistor
November 2000 Rev 1.100
PHX18NQ11 PHILIPS-PHX18NQ11 Datasheet
94Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 01-13 February 2004
PHX18NQ11T PHILIPS-PHX18NQ11T Datasheet
94Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 01-13 February 2004
PHX18NQ20T PHILIPS-PHX18NQ20T Datasheet
293Kb / 15P
   N-channel enhancement mode field-effect transistor
Rev. 01-28 August 2000
More results

Similar Description - PHX15N06E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX1N60E PHILIPS-PHX1N60E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP1N60E
November 1996 Rev 1.000
PHX4N50E PHILIPS-PHX4N50E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N50E
November 1996 Rev 1.000
PHX5N50E PHILIPS-PHX5N50E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP8N50E
November 1996 Rev 1.000.
PHX5N40E PHILIPS-PHX5N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP10N40E
November 1996 Rev 1.000
PHX1N40E PHILIPS-PHX1N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP2N40E
November 1996 Rev 1.000
PHX2N40E PHILIPS-PHX2N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N40E
November 1996 Rev 1.000
BUK475-60H PHILIPS-BUK475-60H Datasheet
74Kb / 7P
   PowerMOS transistor Isolated version of BUK455-60H
November 1996 Rev 1.200
BUK475-200A PHILIPS-BUK475-200A Datasheet
58Kb / 7P
   PowerMOS transistor Isolated version of BUK455-200A/B
June 1996 Rev 1.200
BUK475-100A PHILIPS-BUK475-100A Datasheet
76Kb / 7P
   PowerMOS transistor Isolated version of BUK455-100A/B
November 1996 Rev 1.200
BUK474-200A PHILIPS-BUK474-200A Datasheet
79Kb / 7P
   PowerMOS transistor Isolated version of BUK454-200A/B
April 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com