Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHX18NQ20T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHX18NQ20T
Description  N-channel enhancement mode field-effect transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX18NQ20T Datasheet(HTML) 2 Page - NXP Semiconductors

  PHX18NQ20T Datasheet HTML 1Page - NXP Semiconductors PHX18NQ20T Datasheet HTML 2Page - NXP Semiconductors PHX18NQ20T Datasheet HTML 3Page - NXP Semiconductors PHX18NQ20T Datasheet HTML 4Page - NXP Semiconductors PHX18NQ20T Datasheet HTML 5Page - NXP Semiconductors PHX18NQ20T Datasheet HTML 6Page - NXP Semiconductors PHX18NQ20T Datasheet HTML 7Page - NXP Semiconductors PHX18NQ20T Datasheet HTML 8Page - NXP Semiconductors PHX18NQ20T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
PHX18NQ20T
N-channel FET
Product specification
Rev. 01 — 28 August 2000
2 of 15
9397 750 07452
© Philips Electronics N.V. 2000. All rights reserved.
5.
Quick reference data
6.
Limiting values
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to150 °C
200
V
ID
drain current (DC)
Ths =25 °C; VGS =10V
8.2
A
Ptot
total power dissipation
Ths =25 °C
30
W
Tj
junction temperature
150
°C
RDSon
drain-source on-state resistance
VGS = 10 V; ID = 8 A; Tj =25 oC
130
180
m
VGS = 10 V; ID = 8 A; Tj = 150 °C
450
m
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to150 °C
200
V
VDGR
drain-gate voltage (DC)
Tj =25to150 °C; RGS =20kΩ−
200
V
VGS
gate-source voltage (DC)
−±20
V
ID
drain current (DC)
Ths =25 °C; VGS =10V;
Figure 2 and 3
8.2
A
Ths = 100 °C; VGS =10V; Figure 2
5.2
A
IDM
peak drain current
Ths =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
33
A
Ptot
total power dissipation
Ths =25 °C; Figure 1
30
W
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+150
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tamb =25 °C
8.2
A
ISM
peak source (diode forward) current
Tamb =25 °C; pulsed; tp ≤ 10 µs
33
A


Similar Part No. - PHX18NQ20T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX18NQ11 PHILIPS-PHX18NQ11 Datasheet
94Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 01-13 February 2004
PHX18NQ11T PHILIPS-PHX18NQ11T Datasheet
94Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 01-13 February 2004
More results

Similar Description - PHX18NQ20T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com