Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG102GA-2.8G4 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # REG102GA-2.8G4
Description  DMOS 250mA Low-Dropout Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REG102GA-2.8G4 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button REG102GA-2.8G4 Datasheet HTML 6Page - Burr-Brown (TI) REG102GA-2.8G4 Datasheet HTML 7Page - Burr-Brown (TI) REG102GA-2.8G4 Datasheet HTML 8Page - Burr-Brown (TI) REG102GA-2.8G4 Datasheet HTML 9Page - Burr-Brown (TI) REG102GA-2.8G4 Datasheet HTML 10Page - Burr-Brown (TI) REG102GA-2.8G4 Datasheet HTML 11Page - Burr-Brown (TI) REG102GA-2.8G4 Datasheet HTML 12Page - Burr-Brown (TI) REG102GA-2.8G4 Datasheet HTML 13Page - Burr-Brown (TI) REG102GA-2.8G4 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
REG102
10
SBVS024F
www.ti.com
FIGURE 4. Block Diagram.
FIGURE 5. Output Noise versus Noise Reduction Capacitor.
0.1
100
1k
10
10k
110
100
90
80
70
60
50
40
30
20
C
NR (pF)
RMS NOISE VOLTAGE vs C
NR
REG102-5.0
REG102-3.3
REG102-2.5
C
OUT = 0µF
10Hz < BW < 100kHz
Over-Current
Over Temp
Protection
V
REF
(1.26V)
Low-Noise
Charge Pump
DMOS
Output
R
1
NOTE: R
1 and R2 are internal
on fixed output versions.
V
OUT
Adj
(adjustable
versions)
R
2
NR
(fixed output
versions only)
Enable
REG102
V
IN
C
NR
(optional)
ENABLE
The Enable pin is active high and compatible with standard
TTL-CMOS levels. Inputs below 0.5V (max) turn the regula-
tor off and all circuitry is disabled. Under this condition,
ground pin current drops to approximately 10nA. When not
used, the Enable pin can be connected to VIN. When a pull-
up resistor is used, and operation below 1.8V is required, use
pull-up resistor values below 50k
Ω.
OUTPUT NOISE
A precision bandgap reference is used to generate the
internal reference voltage, VREF. This reference is the domi-
nant noise source within the REG102 and generates approxi-
mately 29
µVrms in the 10Hz to 100kHz bandwidth at the
reference output. The regulator control loop gains up the
reference noise, so that the noise voltage of the regulator is
approximately given by:
V
Vrms
RR
R
Vrms
V
V
N
OUT
REF
+
29
2
29
12
(1)
As the value of VREF is 1.26V, this relationship reduces to:
V
Vrms
V
V
N
OUT
=
µ
23
(2)
Connecting a capacitor, CNR, from the Noise Reduction (NR)
pin to ground forms a low-pass filter for the voltage refer-
ence. Adding CNR (as shown in Figure 4) forms a low-pass
filter for the voltage reference. For CNR = 10nF, the total noise
in the 10Hz to 100kHz bandwidth is reduced by approxi-
mately a factor of 2.8 for VOUT = 3.3V. This noise reduction
effect is shown in Figure 5 and as
RMS Noise Voltage vs CNR
in the Typical Characteristics section.
Noise can be further reduced by carefully choosing an output
capacitor, COUT. Best overall noise performance is achieved
with very low (< 0.22
µF) or very high (> 2.2µF) values of C
OUT
(see the
RMS Noise Voltage vs COUT typical characteristic).
The REG102 uses an internal charge pump to develop an
internal supply voltage sufficient to drive the gate of the
DMOS pass element above VIN. The charge-pump switching
noise (nominal switching frequency = 2MHz) is not measur-
able at the output of the regulator over most values of IOUT
and COUT.
The REG102 adjustable version does not have the noise-
reduction pin available; however, the adjust pin is the sum-
ming junction of the error amplifier. A capacitor, CFB, con-
nected from the output to the adjust pin can reduce both the
output noise and the peak error from a load transient (see the
typical characteristics for output noise performance).


Similar Part No. - REG102GA-2.8G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG102GA-2.8 TI-REG102GA-2.8 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
REG102GA-2.8/2K5 TI-REG102GA-2.8/2K5 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
REG102GA-2.85 TI-REG102GA-2.85 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
REG102GA-2.85 TI1-REG102GA-2.85 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG102GA-2.85/2K5 TI-REG102GA-2.85/2K5 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
More results

Similar Description - REG102GA-2.8G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG102 BURR-BROWN-REG102_08 Datasheet
699Kb / 23P
   DMOS 250mA Low-Dropout Regulator
logo
Texas Instruments
REG102 TI-REG102 Datasheet
484Kb / 20P
[Old version datasheet]   DMOS 250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com