Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHX2N50E Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHX2N50E
Description  PowerMOS transistors Avalanche energy rated
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHX2N50E Datasheet(HTML) 2 Page - NXP Semiconductors

  PHX2N50E Datasheet HTML 1Page - NXP Semiconductors PHX2N50E Datasheet HTML 2Page - NXP Semiconductors PHX2N50E Datasheet HTML 3Page - NXP Semiconductors PHX2N50E Datasheet HTML 4Page - NXP Semiconductors PHX2N50E Datasheet HTML 5Page - NXP Semiconductors PHX2N50E Datasheet HTML 6Page - NXP Semiconductors PHX2N50E Datasheet HTML 7Page - NXP Semiconductors PHX2N50E Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
PowerMOS transistors
PHX2N50E
Avalanche energy rated
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
THERMAL RESISTANCES
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
R
th j-hs
Thermal resistance junction
with heatsink compound
-
-
5
K/W
to heatsink
R
th j-a
Thermal resistance junction
-
55
-
K/W
to ambient
ELECTRICAL CHARACTERISTICS
T
j = 25 ˚C unless otherwise specified
SYMBOL PARAMETER
CONDITIONS
MIN.
TYP. MAX. UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
500
-
-
V
voltage
∆V
(BR)DSS / Drain-source breakdown
V
DS = VGS; ID = 0.25 mA
-
0.1
-
%/K
∆T
j
voltage temperature
coefficient
R
DS(ON)
Drain-source on resistance
V
GS = 10 V; ID = 1 A
-
3.1
5
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 0.25 mA
2.0
3.0
4.0
V
g
fs
Forward transconductance
V
DS = 30 V; ID = 1 A
0.5
1.3
-
S
I
DSS
Drain-source leakage current V
DS = 500 V; VGS = 0 V
-
1
25
µA
V
DS = 400 V; VGS = 0 V; Tj = 125 ˚C
-
30
250
µA
I
GSS
Gate-source leakage current V
GS = ±30 V; VDS = 0 V
-
10
200
nA
Q
g(tot)
Total gate charge
I
D = 2 A; VDD = 400 V; VGS = 10 V
-
20
25
nC
Q
gs
Gate-source charge
-
2
3
nC
Q
gd
Gate-drain (Miller) charge
-
12
15
nC
t
d(on)
Turn-on delay time
V
DD = 250 V; RD = 120 Ω;
-
10
-
ns
t
r
Turn-on rise time
R
G = 24 Ω
-20
-
ns
t
d(off)
Turn-off delay time
-
60
-
ns
t
f
Turn-off fall time
-
20
-
ns
L
d
Internal drain inductance
Measured from drain lead to centre of die
-
4.5
-
nH
L
s
Internal source inductance
Measured from source lead to source
-
7.5
-
nH
bond pad
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
236
-
pF
C
oss
Output capacitance
-
40
-
pF
C
rss
Feedback capacitance
-
22
-
pF
December 1998
2
Rev 1.200


Similar Part No. - PHX2N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHX2N40E PHILIPS-PHX2N40E Datasheet
24Kb / 5P
   PowerMOS transistor Isolated version of PHP4N40E
November 1996 Rev 1.000
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results

Similar Description - PHX2N50E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP3N60E PHILIPS-PHP3N60E Datasheet
79Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP11N50E PHILIPS-PHP11N50E Datasheet
41Kb / 7P
   PowerMOS transistors Avalanche energy rated
January 1998 Rev 1.000
PHP7N40E PHILIPS-PHP7N40E Datasheet
78Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX10N40E PHILIPS-PHX10N40E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX3N60E PHILIPS-PHX3N60E Datasheet
73Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHX8N50E PHILIPS-PHX8N50E Datasheet
74Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP10N40E PHILIPS-PHP10N40E Datasheet
115Kb / 7P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.000
PHX4N60E PHILIPS-PHX4N60E Datasheet
75Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
PHP6N60E PHILIPS-PHP6N60E Datasheet
74Kb / 9P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.300
PHP7N60E PHILIPS-PHP7N60E Datasheet
91Kb / 10P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.400
PHX2N60E PHILIPS-PHX2N60E Datasheet
65Kb / 8P
   PowerMOS transistors Avalanche energy rated
December 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com